Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000L Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # H-1000L
Description  Single Color Ultra High Brightness ?5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

H-1000L Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  H-1000L Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. H-1000L Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
H-3000L
Ga AlAs
Red
647
20
2,400
3,000
20
H-2000L
Ga AlAs
Red
647
20
1,400
2,000
20
H-1000L
Ga AlAs
Red
647
20
700
1,000
20
Iv (mc d)
Luminous Intens ity
Dominant
Wavelength
λd (nm)
Water
Clear
Part No.
Material
Emitted
Color
Lens
Color
Clear
2004.10.27
Single Color Ultra High Brightness φ5 Type
H-□000L Series
(Ta=25℃)


Similar Part No. - H-1000L

ManufacturerPart #DatasheetDescription
logo
Jonard Tools.
H-1000 JONARD-H-1000 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
More results

Similar Description - H-1000L

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com