Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9202B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9202B
Description  Single Synchronous Buck PWM DC-DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9202B Datasheet HTML 6Page - Richtek Technology Corporation RT9202B Datasheet HTML 7Page - Richtek Technology Corporation RT9202B Datasheet HTML 8Page - Richtek Technology Corporation RT9202B Datasheet HTML 9Page - Richtek Technology Corporation RT9202B Datasheet HTML 10Page - Richtek Technology Corporation RT9202B Datasheet HTML 11Page - Richtek Technology Corporation RT9202B Datasheet HTML 12Page - Richtek Technology Corporation RT9202B Datasheet HTML 13Page - Richtek Technology Corporation RT9202B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9202B
11
DS9202B-03
March 2007
www.richtek.com
VOUT
3.3V
2.5V
1.5V
Inductor
2
µH
5
µH
2
µH
5
µH
2
µH
5
µH
1000
µF (ESR=53mΩ)
100mV
40mV
110mV
44mV
93mV
37mV
1500
µF (ESR=33mΩ)
62mV
25mV
68mV
28mV
58mV
23mV
3000
µF (ESR=21mΩ)
40mV
16mV
43mV
18mV
37mV
15mV
Table 1
*Refer to Sanyo low ESR series (CE, DX, PX.....)
The suggested L and C are as follows:
2
µH with ≥ 1500µF COUT
5
µH with ≥ 1000µF COUT
Figure 5
Input / Output Capacitor
High frequency/long life decoupling capacitors should be
placed as close to the power pins of the load as physically
possible. Be careful not to add inductance to the PCB
trace, as it could eliminate the performance from utilizing
these low inductance components. Consult with the
manuf acturer of the load on specific decoupling
requirements.
The output capacitors are necessary for filtering output
and stabilizing the close loop (see the PWM loop stability).
For powering advanced, high-speed processors, it is
required to meet with the requirement of fast load
transient, high frequency capacitors with low ESR/ESL
capacitors are recommended.
Another concern is high ESR induced ripple may trigger
UV or OV protections.
PWM Loop Stability
The RT9202B is a voltage mode buck controller designed
for 5V step-down applications. The gain of error amplifier
is fixed at 35dB for simplified design.
The output amplitude of ramp oscillator is 1.75V, the loop
gain and loop pole/zero are calculated as follows :
DC loop gain GA =
LC filter pole PO =
Error Amp pole PA = 300kHz
ESR zero ZO =
The RT9202B Bode plot as shown Figure 6 is stable in
most of application conditions.
V
I
V
O
R
C
D
L
Q
C.C.M
T
ON
T
OFF
T
S
V
L
V
I
- V
O
- V
O
uQ
mI
L
I
L
= I
O
i
L
i
Q
I
Q
I
D
i
D
V
L
OUT
V
0.8
1.75
5
35dB
×
×
LC
2
1
π
ESRC
2
1
π


Similar Part No. - RT9202B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202CS RICHTEK-RT9202CS Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202GS RICHTEK-RT9202GS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202PS RICHTEK-RT9202PS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9202B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com