Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9202B Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9202B
Description  Single Synchronous Buck PWM DC-DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9202B Datasheet HTML 6Page - Richtek Technology Corporation RT9202B Datasheet HTML 7Page - Richtek Technology Corporation RT9202B Datasheet HTML 8Page - Richtek Technology Corporation RT9202B Datasheet HTML 9Page - Richtek Technology Corporation RT9202B Datasheet HTML 10Page - Richtek Technology Corporation RT9202B Datasheet HTML 11Page - Richtek Technology Corporation RT9202B Datasheet HTML 12Page - Richtek Technology Corporation RT9202B Datasheet HTML 13Page - Richtek Technology Corporation RT9202B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9202B
10
DS9202B-03
March 2007
www.richtek.com
Both VSET and VDS are referenced to VIN and a small
capacitor across ROCSET helps VOCSET tracking the
variations of VIN due to MOSFET switching. The over-
current function will be tripped at a peak inductor current
(IPEAK) determined by :
The OC trip point v aries with MOSFET's RDS(ON)
temperature variations. The temperature coefficient of
IOCSET is 2500ppm that is used to compensate RDS(ON)
temperature variations. To avoid over-current tripping in
the normal operating load range, determine the ROCSET
resistor value from the equation above with:
1.The maxim um RSD(ON) at the highest junction
temperature
2.The minimum IOCSET from the characteristics
3.Determine IPEAK for IPEAK > IOUT(MAX) + (
∆I)/2
where
∆I is the output inductor ripple current.
Under Voltage and Over Voltage Protection
The voltage at FB pin is monitored and protected against
OC (over current), UV (under voltage), and OV (over
voltage). The UV threshold is 0.5V and OV-threshold is
1.0V. Both UV/OV detection have 30
µs triggered delay.
When OC or UV trigged, a hiccup re-start sequence will
be initialized, as shown in Figure 4. Only 3 times of trigger
are allowed to latch off. Hiccup is disabled during soft-
start interval.
Shutdown
Pulling low the OCSET pin can shutdown the RT9202B
PWM controller as shown in typical application circuit.
Inductor Selection
The RT9202B was designed for VIN = 5V, step-down
application mainly. Figure 5 shows the typical topology
and waveforms of step-down converter.
The ripple current of inductor can be calculated as follows:
ILRIPPLE = (5V - VOUT)/L × TON
Because operation frequency is fixed at 300kHz,
TON = 3.33 × VOUT/5V
The VOUT ripple is
VOUT RIPPLE = ILRIPPLE × ESR
ESR is output capacitor equivalent series resistor
Table 1 shows the ripple voltage of VOUT : VIN = 5V
GATE
CONTROL
+
-
PWM
OC
DRIVE
VCC
OCSET
R
OCSET
V
SET+
V
IN
= +5V
V
DS+
i
D
UGATE
PHASE
I
OCSET
20uF
OVER-CURRENT TRIP:
V
DS > VSET
××
D
DS(ON)
OCSET
OCSET
i
R
> IR
V
OCSET
= V
IN
- V
SET
V
PHASE
= V
IN
- V
DS
0A
0V
2V
4V
T1
T2
T3
TIME
COUNT = 1 COUNT = 2 COUNT = 3
OVERLOAD
APPLIED
T0
Figure 3
Figure 4
DS(ON)
OCSET
OCSET
PEAK
R
R
I
I
×
=


Similar Part No. - RT9202B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202CS RICHTEK-RT9202CS Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202GS RICHTEK-RT9202GS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202PS RICHTEK-RT9202PS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9202B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com