Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP144D Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # RP144D
Description  Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP144D Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button RP144D Datasheet HTML 5Page - Synaptics Incorporated. RP144D Datasheet HTML 6Page - Synaptics Incorporated. RP144D Datasheet HTML 7Page - Synaptics Incorporated. RP144D Datasheet HTML 8Page - Synaptics Incorporated. RP144D Datasheet HTML 9Page - Synaptics Incorporated. RP144D Datasheet HTML 10Page - Synaptics Incorporated. RP144D Datasheet HTML 11Page - Synaptics Incorporated. RP144D Datasheet HTML 12Page - Synaptics Incorporated. RP144D Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
/RZ9ROWDJH9.IOH[99ELV0RGHP'DWD3XPSV
53'53'DQG53'
0'

75
76
88
89
90
91
92
93
94
95
96
97
2
3
4
5
6
7
80
9
36
17
47
79
35
30
31
26
27
34
37
29
38
~RLYA
RINGD
RIN
TXA1
TXA2
TELIN/NC*
TELOUT/NC*
MICV/NC*
MICM
SPK
SPKMD
NOTES:
1. TOLERANCES AND RATINGS (UNLESS OTHERWISE
SPECIFIED):
RESISTOR VALUES IN OHMS; 5%, 1/8W
CAPACITOR VALUES IN MICROFARADS; 10%, 20V
2.
DENOTES ANALOG GROUND.
3.
DENOTES DIGITAL GROUND.
TELEPHONE LINE/
TELEPHONE/
AUDIO
INTERFACE
AGND
AGND
AGND
YCLK
XCLK
D0
D1
D2
D3
D4
D5
D6
D7
RS0
RS1
RS2
RS3
RS4
~CS
~WRITE
~READ
IRQ
~WKRES
~RES2
~RES1
MCU: ~WKRESOUT
MCU
EXTERNAL
BUS
MCU: IRQ
MCLKIN
MTXSIN
MRXOUT
MSTROBE
MSCLK
MCNTRLSIN
SR1IO
IA1CLK
SA1CLK
SR4IN
SR4OUT
CLKOUT
SR3OUT
SR3IN
SA2CLK
SR2CLK
SR2IO
VCNTRLSIN/NC*
VSCLK/NC*
VSTROBE/NC*
VRXOUT/NC*
VTXSIN/NC*
VCLKIN/NC*
42
43
45
46
44
41
62
24
23
20
18
22
19
21
59
10
60
55
52
50
51
53
54
SLEEPO
IASLEEP
69
56
10
0.1 CER
VREF
32
10
0.1 CER
VC
33
14
15
1
57
61
66
70
72
73
74
77
83
84
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
AVDD
VDD
VDD
VDD
GND
GND
GND
GND
GND
40
63
68
85
16
65
81
99
49
+3.3V
0.1
10
0.022
10
25
39
48
10µH
AVAA
28
GPO0
~RDCLK
TDCLK
XTCLK
TXD
RXD
~RLSD
~RI
82
8
12
64
13
67
11
78
SERIAL
DTE
INTERFACE
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
PLLVDD
PLLGND
98
100
MD218F4-HIS-100PQFP
+5V
58
71
RESERVED
VGG
MCU: ~RESET
86
87
CLKIN
NC
28.224 MHz CLOCK
NC
* PINS ARE INTERNAL NO CONNECT (NC)
ON NON-SP MODELS.
NC
+5V
PROVIDE DIRECT CONNECTION OR
FERRITE BEAD BETWEEN GND AND AGND,
WHICHEVER ACHIEVES LOWEST NOISE
FLOOR.
0.1
10
+3.3V (VDD)
10
DAA FOR EXTERNAL VC USE
10µH
10µH
10µH
FERRITE BEADS (70 OHM @ 100 MHZ TYPE
WITH A MAX DC RESISTANCE OF 0.5 OHM
AND A RATED CURRENT OF 200 mA).
FB
FB
FB
)LJXUH  0'3 +DUGZDUH ,QWHUIDFH 6LJQDOV3LQ 34)3


Similar Part No. - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP144LD CONEXANT-RP144LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
More results

Similar Description - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
   Host Controlled V.90/K56flex Modem device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com