Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP144D Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # RP144D
Description  Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP144D Datasheet(HTML) 6 Page - Synaptics Incorporated.

Back Button RP144D Datasheet HTML 2Page - Synaptics Incorporated. RP144D Datasheet HTML 3Page - Synaptics Incorporated. RP144D Datasheet HTML 4Page - Synaptics Incorporated. RP144D Datasheet HTML 5Page - Synaptics Incorporated. RP144D Datasheet HTML 6Page - Synaptics Incorporated. RP144D Datasheet HTML 7Page - Synaptics Incorporated. RP144D Datasheet HTML 8Page - Synaptics Incorporated. RP144D Datasheet HTML 9Page - Synaptics Incorporated. RP144D Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
53'53'DQG53'
/RZ9ROWDJH9.IOH[99ELV0RGHP'DWD3XPSV

0'
Echo Canceller
A data echo canceller with near-end and far-end echo
cancellation is included for 2-wire full-duplex
V.34/V.32 bis/V.32 operation. The combined echo span of
near and far cancellers can be up to 40 ms. The
proportion allotted to each end is automatically
determined by the MDP. The delay between near-end and
far-end echoes can be up to 1.2 seconds.
V.90 and K56flex echo cancellation is also provided.
ADPCM Voice Mode
The Adaptive Differential Pulse Code Modulation
(ADPCM) voice coder and decoder (codec) compresses
and decompresses voice signals for efficient digital
storage of voice messages. The codec operates at 28.8k,
21.6k, or 14.4k bps (4-bit, 3-bit, or 2-bit quantization,
respectively) with a 7.2 kHz or 8.0 kHz sample rate.
Transmit Voice. 16-bit compressed transmit voice can be
sent to the MDP ADPCM codec for decompression then to
the digital-to-analog converter (DAC) by the host.
Receive Voice. 16-bit received voice samples from the
MDP analog-to-digital converter (ADC) can be sent to the
ADPCM codec for compression, and then be read by the
host.
Voice Pass-Through Mode
Voice pass-through mode allows the host to transmit and
receive uncompressed voice samples in 16-bit linear form
at 7.2 kHz, 8.0 kHz, or 11.025 kHz sample rate, or in 8-bit
A-Law/µ-Law PCM form at 8.0 kHz sample rate.
Transmit Voice. Transmit voice samples can be sent to
the MDP DAC from the host.
Receive Voice. Received voice samples from the MDP
ADC can be read by the host.
Speakerphone Voice/Audio Paths (SP Models)
The MDP incorporates a dual integrated analog interface.
The voice/audio transmit and receive signals can be
routed through several paths. The voice/audio paths are
available in the speakerphone mode configuration and are
selected through DSP RAM.
The voice/audio input can be taken from one of four
different sources: telephone line input (RIN), handset
(TELIN), microphone (MICM or MICV).
The speaker output (SPK) can originate from one of five
different sources: RIN, TELIN, MICM or MICV or from the
MDP’s internal voice playback mode.
The voice/audio output may be routed to the telephone
line output (TXA1 and TXA2) or handset (TELOUT).
The voice paths can be switched to allow an audio input
to be routed to the telephone line output through a
variable gain for applications such as music-on-hold.
The “room monitor” mode allows the MDP to receive
audio from its surroundings and concurrently transmit the
audio to a remote site.
AudioSpan Mode (SP Models)
AudioSpan provides full-duplex analog simultaneous
audio/voice and data over a single telephone line at a
data rate with audio of 4800 bps using V.61 modulation.
AudioSpan can send any type of audio waveform,
including music. Data can be sent with or without error
correction. The audio/voice interface can be in the form of
a headset, handset, or a microphone and speaker (half-
duplex speakerphone). Handset echo cancellation is
provided.
Data Formats
Serial Synchronous Data
Data rate:
300-56000 bps (RP56), 300-33600 bps
(RP56 and RP336), or 300-14400 bps,
±0.01%.
Selectable clock: Internal, external, or slave.
Serial Asynchronous Data
Data rate:
300-56000 bps (RP56), 300-33600 bps
(RP56 and RP336), or 300-14400 bps,
+1% (or +2.3%), -2.5%;
0-300 bps (V.21 and Bell 103);
1200/75 bps (V.23).
Bits per character: 7, 8, 9, 10, or 11.
Parallel Synchronous Data
Normal sync: 8-bit data for transmit and receive
Data rate:
300-56000 bps (RP56), 300-33600 bps
(RP56 and RP336), or 300-14400 bps,
±0.01%.
SDLC/HDLC support:
Transmitter: Flag generation, 0 bit stuffing,
CRC-16 or CRC-32 generation.
Receiver:
Flag detection, 0 bit deletion,
CRC-16 or CRC-32 checking.
Parallel Asynchronous Data
Data rate:
300-56000 bps (RP56), 300-33600 bps
(RP56 and RP336), or 300-14400 bps,
+1% (or 2.3%), -2.5%;
1200, 300, or 75 bps (FSK).
Data bits per character: 5, 6, 7, or 8.
Parity generation/checking: Odd, even, or 9th data bit.
Async/Sync and Sync/Async Conversion
An asynchronous-to-synchronous converter is provided in
the transmitter and a synchronous-to-asynchronous
converter is provided in the receiver. The converters
operate in both serial and parallel modes. The
asynchronous character format is 1 start bit, 5 to 8 data
bits, an optional parity bit, and 1 or 2 stop bits. Valid
character size, including all bits, is 7, 8, 9, 10, or 11 bits
per character. Two ranges of signaling rates are provided:
• Basic range: +1% to –2.5%
• Extended overspeed range: +2.3% to –2.5%


Similar Part No. - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP144LD CONEXANT-RP144LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
More results

Similar Description - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
   Host Controlled V.90/K56flex Modem device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com