Electronic Components Datasheet Search |
|
ISO7221CDR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
ISO7221CDR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 25 page www.ti.com DEVICE INFORMATION IEC PACKAGE CHARACTERISTICS IEC 60664-1 RATINGS TABLE IEC 60747-5-2 INSULATION CHARACTERISTICS (1) ISO7220A, ISO7220C, ISO7220M ISO7221A, ISO7221C, ISO7221M SLLS755F – JULY 2006 – REVISED AUGUST 2007 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT L(I01) Minimum air gap (Clearance) Shortest terminal-to-terminal distance through air 4.8 mm SOIC-8 L(I02) Minimum external tracking Shortest terminal-to-terminal distance across the 4.3 mm (Creepage) package surface CTI Tracking resistance (Comparative DIN IEC 60112 / VDE 0303 Part 1 ≥175 V Tracking Index) Minimum Internal Gap (Internal Distance through the insulation 0.008 mm Clearance) Input to output, VIO = 500 V, all pins on each side of the barrier tied together creating a two-terminal device, >1012 Ω RIO Isolation resistance TA < 100°C Input to output, VIO = 500 V, 100°C ≤ TA ≤ max >1011 Ω CIO Barrier capacitance Input to output VI = 0.4 sin (4E6πt) 1 pF CI Input capacitance to ground VI = 0.4 sin (4E6πt) 1 pF NOTE: Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed circuit board do not reduce this distance. Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications. PARAMETER TEST CONDITIONS SPECIFICATION Basic isolation group Material group IIIa Rated mains voltage ≤150 VRMS I-IV Installation classification Rated mains voltage ≤300 VRMS I-III Rated mains voltage ≤400 VRMS I-II PARAMETER TEST CONDITIONS SPECIFICATION UNIT VIORM Maximum working insulation 560 voltage Method b1, VPR = VIORM × 1.875, V VPR Input to output test voltage 1050 100% Production test with t = 1 s, Partial discharge <5 pC VIOTM Transient overvoltage t = 60 s 4000 RS Insulation resistance VIO = 500 V at TS >109 Ω Pollution degree 2 (1) Climatic Classification 40/125/21 11 Submit Documentation Feedback |
Similar Part No. - ISO7221CDR |
|
Similar Description - ISO7221CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |