Electronic Components Datasheet Search |
|
ISO7221CDR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
ISO7221CDR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 25 page www.ti.com SWITCHING CHARACTERISTICS ISO7220A, ISO7220C, ISO7220M ISO7221A, ISO7221C, ISO7221M SLLS755F – JULY 2006 – REVISED AUGUST 2007 VCC1 and VCC2 at 3.3 V operation, over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tpLH, Propagation delay 290 400 485 tpHL ISO722xA PWD Pulse-width distortion |tpHL – tpLH| (1) 1 18 tpLH, Propagation delay 26 40 52 tpHL ISO722xC See Figure 1 PWD Pulse-width distortion |tpHL – tpLH| (1) 1 3 tpLH, Propagation delay 8 16 25 tpHL ISO722xM PWD Pulse-width distortion |tpHL – tpLH| (1) 0.5 1 ns ISO722xA 190 tsk(pp) Part-to-part skew(2) ISO722xC 10 ISO722xM 5 ISO7220A 3 15 tsk(o) Channel-to-channel output skew (3) ISO7220C/M 0.2 1 tr Output signal rise time 2 See Figure 1 tf Output signal fall time 2 tfs Failsafe output delay time from input power loss See Figure 2 3 μs 150 Mbps PRBS NRZ data, 5-bit max same polarity input, both channels, See 1 Figure 4, Figure 16 tjit(pp) Peak-to-peak eye-pattern jitter ISO722xM ns 150 Mbps unrestricted bit run length data 2 input, both channels, See Figure 4 (1) Also referred to as pulse skew. (2) tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits. (3) tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the same direction while driving identical specified loads. 9 Submit Documentation Feedback |
Similar Part No. - ISO7221CDR |
|
Similar Description - ISO7221CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |