Electronic Components Datasheet Search |
|
ISO7221CDR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
ISO7221CDR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 25 page www.ti.com ELECTRICAL CHARACTERISTICS ISO7220A, ISO7220C, ISO7220M ISO7221A, ISO7221C, ISO7221M SLLS755F – JULY 2006 – REVISED AUGUST 2007 SWITCHING CHARACTERISTICS (continued) VCC1 at 3.3 V, VCC2 at 5 V operation, over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT 150 Mbps PRBS NRZ data, 5-bit max same polarity input, both channels, See Figure 4, 1 Figure 16 tjit(pp) Peak-to-peak eye-pattern jitter ISO722xM ns 150 Mbps unrestricted bit run length data input, 2 both channels, See Figure 4 VCC1 and VCC2 at 3.3 V operation, over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT ISO7220A, ISO7220C, ISO7220M 0.6 1 Quiescent VI = VCC or 0 V, no load ISO7221A, ISO7221C, ISO7221M 4.3 9.5 ISO7220A 1 2 ICC1 1 Mbps VI = VCC or 0 V, no load ISO7221A 5 11 ISO7220C, ISO7220M 2 4 25 Mbps VI = VCC or 0 V, no load ISO7221C, ISO7221M 6 12 mA ISO7220A, ISO7220C, ISO7220M 8 18 Quiescent VI = VCC or 0 V, no load ISO7221A, ISO7221C, ISO7221M 4.3 9.5 ISO7220A 9 19 ICC2 1 Mbps VI = VCC or 0 V, no load ISO7221A 5 11 ISO7220C, ISO7220M 10 20 25 Mbps VI = VCC or 0 V, no load ISO7221C, ISO7221M 6 12 IOH = –4 mA, See Figure 1 VCC – 0.4 3 VOH High-level output voltage IOH = –20 μA, See Figure 1 VCC – 0.1 3.3 V IOL = 4 mA, See Figure 1 0.2 0.4 VOL Low-level output voltage IOL = 20 μA, See Figure 1 0 0.1 VI(HYS) Input voltage hysteresis 150 mV IIH High-level input current 10 IN from 0 V or VCC μA IIL Low-level input current –10 CI Input capacitance to ground IN at VCC, VI = 0.4 sin (4E6πt) 1 pF CMTI Common-mode transient immunity VI = VCC or 0 V, See Figure 3 15 40 kV/ μs 8 Submit Documentation Feedback |
Similar Part No. - ISO7221CDR |
|
Similar Description - ISO7221CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |