Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13950 Datasheet(PDF) 1 Page - Atom Lighting

Part # 13950
Description  AT4120/PIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13950 Datasheet(HTML) 1 Page - Atom Lighting

  13950 Datasheet HTML 1Page - Atom Lighting 13950 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT4120/PIR
Wall mount PIR sensor - IP65 - 12m
ORDERING INFORMATION
Order code
13950
Description
PIR sensor 12m- wall mount-
IP65- white
Item Code
AT4120/PIR/WHT
MECHANICAL
Adjustability
Adjustable
Body Material
Polycarbonate
Fitting Colour
White
Installation Type
Wall mount
IP Rating
IP65
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230V~
Working Temp Range
-20 to 40 °C
SENSOR (S SUFFIX)
Adjustable Detection Area /
Sensitivity
No
Adjustable Hold Time
Yes
Adjustable Standby Level
No
Adjustable Standby Period
No
Corridor Function
No
Dawn Reset
No
Detection Range
12 m
Detection Angle
180
Dusk Mode
Yes
Lux Adjustment
Yes
Lux Range
<3 to 2000 lx
Manual Override
No
Sensor Type
PIR
Switched Output
Yes
Switched Output Rating
1200 W
Time Delay
10s to 15m
COMPLIANCE
Standards
AS/NZS 60669.1
AS/NZS 60669.2.1
EN/IEC 55015
IEC 61000.3
IEC 61000.4
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
DIMENSIONS
Product Height
51 mm
Product Length
117 mm
Product Width
80 mm
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 13950

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1395 LINER-1395 Datasheet
741Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Atom Lighting
13951 ATOM-13951 Datasheet
151Kb / 2P
AT4120/PIR
19th of January 2025 18:42:45
logo
PHOENIX CONTACT
1395131 PHOENIX-1395131 Datasheet
338Kb / 8P
PCB header - PCV 5/ 4-GF-15,24
Jul 20, 2022
1395140 PHOENIX-1395140 Datasheet
345Kb / 10P
PCB connector - PC 5/ 4-STF1-15,24
Jul 20, 2022
1395229 PHOENIX-1395229 Datasheet
274Kb / 7P
PLC-SC-TR/INV - Switching amplifier
More results

Similar Description - 13950

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
PIR Sensor Module
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
M7612 ETC2-M7612 Datasheet
140Kb / 9P
PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
PIR intelligent controller
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com