Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5172 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5172
Description  0.85V Single Cell Boost DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5172 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5172 Datasheet HTML 4Page - Analog Microelectronics AME5172 Datasheet HTML 5Page - Analog Microelectronics AME5172 Datasheet HTML 6Page - Analog Microelectronics AME5172 Datasheet HTML 7Page - Analog Microelectronics AME5172 Datasheet HTML 8Page - Analog Microelectronics AME5172 Datasheet HTML 9Page - Analog Microelectronics AME5172 Datasheet HTML 10Page - Analog Microelectronics AME5172 Datasheet HTML 11Page - Analog Microelectronics AME5172 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
0.85V Single Cell Boost
DC-DC Converter
AME5172
Rev. A.02
V
OUT vs Temperature
Star-up Voltage vs Load Current
Normalized Frequency vs Temperature
Efficiency vs Load Current
Current Limit vs Temperature
Temperature (oC)
3.217
3.237
3.257
3.277
3.297
3.317
3.337
3.357
3.377
-40
-20
0
20
40
60
80
3.217
3.237
3.257
3.277
3.297
3.317
3.337
3.357
3.377
0.1
1
10
100
1000
Load Current (mA)
V
IN = 2.4V
V
IN = 1.5V
V
IN = 1.2V
Output Voltage vs Load Current
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
Load Current (mA)
V
IN = 2.4V
V
IN = 1.5V
V
IN = 1.2V
Temperature (oC)
550
600
650
700
750
800
850
900
-40
-20
0
20
40
60
80
I
OUT (mA)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.1
1
10
100
Temperature (oC)
0.85
0.96
1.07
1.18
1.29
1.40
-40
-20
0
20
40
60
80


Similar Part No. - AME5172

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJY AME-AME5170AEEVADJY Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJZ AME-AME5170AEEVADJZ Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
More results

Similar Description - AME5172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
ACE Technology Co., LTD...
ACE707P ACE-ACE707P Datasheet
898Kb / 10P
   0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
logo
Linear Technology
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
logo
AiT Semiconductor Inc.
A7506 AITSEMI-A7506 Datasheet
872Kb / 12P
   DC-DC CONVERTER BOOST(STEP-UP) VIN AS LOW AS 0.85V MICRO-POWER SYNC
REV2.1
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com