Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL816E Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL816E
Description  USB 2.0 9-in-1 Card Reader Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816E Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL816E Datasheet HTML 4Page - GENESYS LOGIC GL816E Datasheet HTML 5Page - GENESYS LOGIC GL816E Datasheet HTML 6Page - GENESYS LOGIC GL816E Datasheet HTML 7Page - GENESYS LOGIC GL816E Datasheet HTML 8Page - GENESYS LOGIC GL816E Datasheet HTML 9Page - GENESYS LOGIC GL816E Datasheet HTML 10Page - GENESYS LOGIC GL816E Datasheet HTML 11Page - GENESYS LOGIC GL816E Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
GL816E USB 2.0 9-in-1 Card Reader Controller
© 2000-2005 Genesys Logic Inc. - All rights reserved.
Page 8
-
Automatic CRC7 generation for command and CRC7 verification for response on CMD
-
Support automatic CRC16 generation and verification on DAT3-0
-
In addition to full packet transaction, optional single byte / bit operation on both CMD and DAT line / lines
-
Data processing in block or byte
-
Supports different clock rate from 375 KHz to 24 MHz
l
High efficient hardware engine
-
Automatic data read / write with card by hardware engine
-
Easier firmware development
-
Media interface signals output low automatically when suspend
l
Inter-Media transfer capability
-
Support data copy between flash cards or in the same flash memory card
l
Support external ICE / micro-controller interface
-
Easy firmware development environment
-
Easy operate by external robust microprocessor
l
Available in 128-pin LQFP and 128-pin PQFP package


Similar Part No. - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
More results

Similar Description - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Prolific Technology Inc...
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
List of Unclassifed Man...
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
GENESYS LOGIC
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com