Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL816E Datasheet(PDF) 6 Page - GENESYS LOGIC

Part # GL816E
Description  USB 2.0 9-in-1 Card Reader Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816E Datasheet(HTML) 6 Page - GENESYS LOGIC

Back Button GL816E Datasheet HTML 2Page - GENESYS LOGIC GL816E Datasheet HTML 3Page - GENESYS LOGIC GL816E Datasheet HTML 4Page - GENESYS LOGIC GL816E Datasheet HTML 5Page - GENESYS LOGIC GL816E Datasheet HTML 6Page - GENESYS LOGIC GL816E Datasheet HTML 7Page - GENESYS LOGIC GL816E Datasheet HTML 8Page - GENESYS LOGIC GL816E Datasheet HTML 9Page - GENESYS LOGIC GL816E Datasheet HTML 10Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
GL816E USB 2.0 9-in-1 Card Reader Controller
© 2000-2005 Genesys Logic Inc. - All rights reserved.
Page 6
CHAPTER 1 GENERAL DESCRIPTION
The GL816E is a highly integrated, flexible application USB 2.0 Multi-Interface Flash Card Reader controller.
It supports USB 2.0 high-speed transmission to CompactFlash
TM (CF) Type I/II, Micro Drive, Secure
Digital
TM (SD), Mini SDTM, MultiMediaCardTM (MMC), RS MultiMediaCardTM (RS MMC), Memory StickTM
(MS), Memory Stick DuoTM (MS Duo), High Speed Memory StickTM (HS MS), Memory Stick Pro
TM (MS
Pro), Memory Stick ProTM Duo (MS Pro Duo) Memory Stick ROM, SmartMedia
TM (SM) 5V/3.3V, and
xD-Picture Card
TM (xD) on one chip. Besides the flash card interface controller each, the GL816E integrates
Genesys Logic own design USB 2.0 high-speed UTMI (USB 2.0 Transceiver Macrocell Interface) transceiver.
As a single chip solution for USB 2.0 multi flash card reader, the GL816E complies with Universal Serial Bus
specification rev. 2.0, USB Storage Class specification ver.1.0, and flash card interface specification each.
The GL816E can support different kinds of multi-interface combinations. For the best performance
consideration, the GL816E integrates high efficiency card interface hardware engine for data transfer, and the
48MHz feature-enhanced 8051 micro-controller. The GL816E also supports firmware upgrade via USB
interface, and external flash read/ write for firmware upgrade and other applications.
The GL816E pin assignment design fits to card sockets to provide easier PCB layout. With two package types,
the 128-pin LQFP (14mm x 14mm) and the 128-pin PQFP (14mm x 20mm), the GL816E can fit your various
design in both standalone and PC embedded USB 2.0 multi-interface flash card reader/ writer applications.


Similar Part No. - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
More results

Similar Description - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Prolific Technology Inc...
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
List of Unclassifed Man...
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
GENESYS LOGIC
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com