Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKKD15 Datasheet(PDF) 2 Page - Semikron International

Part # SKKD15
Description  Rectifier Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKKD15 Datasheet(HTML) 2 Page - Semikron International

  SKKD15 Datasheet HTML 1Page - Semikron International SKKD15 Datasheet HTML 2Page - Semikron International SKKD15 Datasheet HTML 3Page - Semikron International SKKD15 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 11L Power dissipation per diode vs. forward current
Fig. 11R Power dissipation per diode vs. ambient temperature
Fig. 12L Power dissipation of two modules vs. direct current
Fig. 12R Power dissipation of two modules vs. case temperature
Fig. 13L Power dissipation of three modules vs. direct current
Fig. 13R Power dissipation of three modules vs. case temperature
RECTIFIER,DIODE,THYRISTOR,MODULE
2
21-09-2005 HER
© by SEMIKRON


Similar Part No. - SKKD15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKD150F SEMIKRON-SKKD150F Datasheet
628Kb / 3P
   Fast Diode Modules
SKKD150F SEMIKRON-SKKD150F Datasheet
634Kb / 3P
   Fast Diode Modules
SKKD150F12 SEMIKRON-SKKD150F12 Datasheet
634Kb / 3P
   Fast Diode Modules
SKKD150F SEMIKRON-SKKD150F_09 Datasheet
634Kb / 3P
   Fast Diode Modules
More results

Similar Description - SKKD15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKE1200 SEMIKRON-SKKE1200_07 Datasheet
135Kb / 2P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_05 Datasheet
591Kb / 4P
   Rectifier Diode Modules
SKKE600 SEMIKRON-SKKE600 Datasheet
545Kb / 3P
   Rectifier Diode Modules
SKKE380 SEMIKRON-SKKE380 Datasheet
417Kb / 3P
   Rectifier Diode Modules
SKKD81H4 SEMIKRON-SKKD81H4 Datasheet
784Kb / 4P
   Rectifier Diode Modules
SKKD212 SEMIKRON-SKKD212 Datasheet
1Mb / 4P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_09 Datasheet
559Kb / 4P
   Rectifier Diode Modules
logo
Inchange Semiconductor ...
IRKD56-14 ISC-IRKD56-14 Datasheet
362Kb / 3P
   Diode Rectifier Modules
DD260N16K ISC-DD260N16K Datasheet
246Kb / 2P
   Diode Rectifier Modules
SKKD46-16 ISC-SKKD46-16 Datasheet
274Kb / 3P
   Rectifier Diode Modules
2023-9-15
SKKD380-22H4 ISC-SKKD380-22H4 Datasheet
308Kb / 2P
   Rectifier Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com