Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB250C002S Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # TSB250C002S
Description  Ashcroft® SMART Transmitter Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

TSB250C002S Datasheet(HTML) 1 Page - Ashcroft, Inc.

  TSB250C002S Datasheet HTML 1Page - Ashcroft, Inc. TSB250C002S Datasheet HTML 2Page - Ashcroft, Inc. TSB250C002S Datasheet HTML 3Page - Ashcroft, Inc. TSB250C002S Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ashcroft offers the assembly of SMART transmitters to
our diaphragm seals and isolation rings, ensuring that
your pressure assemblies are tested for accuracy and
leak integrity prior to shipment. Our transmitter assembly
service helps to take the guesswork out of specifying
the correct pressure instrumentation and assembly
orientation, while our Ashcroft instrumentation experts
ensure that the instruments are compatible and properly
calibrated to suit your application.
Selection is easy: choose the transmitter you want us
to attach and configure the appropriate assembly code
according to the instructions in this document. We’ll build
the assembly with our custom-made low volume fittings
for minimal temperature error, fill the assembly with our
state-of-the-art vacuum filling system, and ensure that
every instrument in the assembly is checked for calibration
prior to shipment.
To ensure compatibility with the seal or isolation ring being
attached, we recommend the following:
Note the instrument connection: make sure all
instruments being attached are the same size NPT
Note the required output span – make sure it does not
exceed the pressure rating of the isolator or the ranges
of any attached instrument.
Remove any option codes for block and bleed valves
from the transmitter manufacturer part number– these
cannot be installed above a diaphragm seal.
If in doubt, submit the form found at
https://bit.ly/transmitterform and we’ll respond within 24
hours with our recommendations.
Refer to the coding table on pages 2 thru 3 to select the
appropriate coding for the assembly orientation you need.
When ordering, be sure to include the full transmitter part
number somewhere on the purchase order. Refer to the
respective data sheets to configure part numbers for
isolation rings, seals, and any other instrument included
on the assembly. (see coding example on page 4)
Working through your Ashcroft sales representative or
authorized distributor, submit your order. Once it has
been entered into our system, we will issue a return
authorization number for your transmitters.
Step 2: - Configure the Assembly Part Number
Step 3: - Send us your SMART Transmitter
Step 1: - Transmitter Selection
Ordering Guide
Ashcroft® SMART Transmitter Assemblies
of 4
1
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. SMART_og_RevB_08-19-20
ashcroft.com
info@ashcroft.com
1.800.328.8258


Similar Part No. - TSB250C002S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB2 ETC1-TSB2 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
TSB20 ETC1-TSB20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSB20L BOTHHAND-TSB20L Datasheet
264Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
logo
StarHope
TSB20U SPSEMI-TSB20U Datasheet
184Kb / 5P
TSB(480W) Series
logo
List of Unclassifed Man...
TSB21 ETC1-TSB21 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
More results

Similar Description - TSB250C002S

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
SMART Transmitter Power Supply
2021-11-29
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
SMART Transmitter Power Supply
HID2030 PF-HID2030 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
KFD2-STC5-EX1.H PF-KFD2-STC5-EX1.H Datasheet
1Mb / 6P
SMART Transmitter Power Supply
2021-11-29
HIC2025A PF-HIC2025A Datasheet
815Kb / 5P
SMART Transmitter Power Supply
KCD2-STC-1.SP PF-KCD2-STC-1.SP Datasheet
816Kb / 4P
SMART Transmitter Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com