Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT672A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT672A
Description  13.56MHz RFID Transponder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT672A_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Circuits
Tag
A tag consists of a PCB (or Mylar film) with printed coil, HT672A and a housing. The housing can be of various shapes.
Note:
The value of the antenna inductance is 11
mH, however the optimum value will be changed slightly due to the
variation of the internal resonance capacitor (10pF typically) during process.
For more application information about the reader, refer to Holtek
¢s 13.56MHz RF ID reader data.
2-chip Solution
HT672A
Rev. 1.10
4
May 17, 2007
Code Package
A total of 96 bits information can be stored in the
HT672A, from which 64 bits are customer programma-
ble.
Agent ID: This 8-bit wide code is not customer program-
mable and is supplied together with the data writer after
registering to Holtek. The writer generates the code au-
tomatically.
Customer ID: This area is for the Agent, for example
used to store current number of customer.
Category ID: Can be used to store the application field
information code.
Product ID: Storing the contents of the user ID number
or data.
Data CRC: A 16 bits of CRC code is generated automat-
ically by the writer.
E n e r g y
D a t a
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
O t h e r C o n t r o l l e r
S p e c i a l
P u r p o s e
C o n t r o l l e r
H o l t e k L o w C o s t M C U :
H T 4 8 R 0 5 A - 1 / H T 4 8 R 0 6 A - 1
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
A N T
H T 6 7 2 A
A N T
H F 2
H F 1
H T 6 7 2 A
P C B
T a g H o u s i n g


Similar Part No. - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
More results

Similar Description - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
13.56MHz RFID Transponder
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-54 PF-IPC03-54 Datasheet
218Kb / 4P
RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com