Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT672A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT672A
Description  13.56MHz RFID Transponder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT672A_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Pad Assignment
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-256.65
357.34
4
228.70
-361.37
2
-256.65
-361.99
5
219.80
338.59
3
96.10
-378.15
6
88.89
332.15
Pad Description
Pad
No.
Pad
Name
I/O
Internal
Connection
Description
1
HF2
I/O
CMOS
Connect to an antenna coil for normal operation. Open for data programming.
2
HF1
I/O
CMOS
Connect to an antenna coil for normal operation. Data I/O for programming.
3
VSS
¾¾
Negative power supply, ground
4
CLK
I
CMOS
Open for normal operation. Clock input for programming.
5
VPA
I
¾
Open for normal operation. High voltage supplies input for programming.
6
VDD
¾¾
Open for normal operation, +5V supply input for programming.
Absolute Maximum Ratings
Supply Voltage (VDD) ...............................................6V
Storage Temperature ...........................
-50°Cto125°C
Supply Voltage (VPA) ..........................................12.5V
Operating Temperature ..............................0
°Cto70°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT672A
Rev. 1.10
2
May 17, 2007
( 0 , 0 )
1
2
3
4
5
6
Chip size: 925
´ 1040 (mm)2
* The IC substrate should be connected to VSS in the
PCB layout artwork.
1
2
3
4
8
7
6
5
H F
N C
N C
H F I
V C C
V P P
C L K
G N D
H T 6 7 2 A
8 D I P - A
Note: The 8-pin DIP package type is supplied only
for engineering evaluation purposes and will not be
available in production volumes.


Similar Part No. - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
   13.56MHz RFID Transponder
More results

Similar Description - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
   13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
   13.56MHz RFID Transponder
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
   13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
   13.56MHz RFID Transponder
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
   13.56MHz RFID Transponder
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-54 PF-IPC03-54 Datasheet
218Kb / 4P
   RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com