Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT672A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT672A
Description  13.56MHz RFID Transponder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT672A_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT672A_07 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1-chip Solution (I)
1-chip Solution (II)
HT672A
Rev. 1.10
5
May 17, 2007
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
H o l t e k S t a n d a r d M C U :
H T 4 8 X X X / H T 4 9 X X X
H T 6 7 2 A
A N T
E n e r g y
D a t a
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
A N T
F u n c t i o n
C o n t r o l
E n e r g y
D a t a
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
H o l t e k E m b e d d e d M C U :
H T G 2 1 X X / H T 8 6 X X X
H T 6 7 2 A
A N T
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
A N T
F u n c t i o n
C o n t r o l
D a t a , V o i c e
o r L C D
D i s p l a y
P r o c e s s i n g


Similar Part No. - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
   13.56MHz RFID Transponder
More results

Similar Description - HT672A_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
   13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
   13.56MHz RFID Transponder
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
   13.56MHz RFID Transponder
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
   13.56MHz RFID Transponder
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
   13.56MHz RFID Transponder
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-54 PF-IPC03-54 Datasheet
218Kb / 4P
   RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com