Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS202DL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 6Page - STMicroelectronics LIS202DL Datasheet HTML 7Page - STMicroelectronics LIS202DL Datasheet HTML 8Page - STMicroelectronics LIS202DL Datasheet HTML 9Page - STMicroelectronics LIS202DL Datasheet HTML 10Page - STMicroelectronics LIS202DL Datasheet HTML 11Page - STMicroelectronics LIS202DL Datasheet HTML 12Page - STMicroelectronics LIS202DL Datasheet HTML 13Page - STMicroelectronics LIS202DL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Functionality
LIS202DL
10/36
3
Functionality
The LIS202DL is an ultracompact, low-power, digital output 2-axis linear accelerometer
packaged in a LGA package. The complete device includes a sensing element and an IC
interface able to take the information from the sensing element and to provide a signal to the
external world through an I2C/SPI serial interface.
3.1
Sensing element
A proprietary process is used to create a surface micro-machined accelerometer. The
technology allows to carry out suspended silicon structures which are attached to the
substrate in a few points called anchors and are free to move in the direction of the sensed
acceleration. To be compatible with the traditional packaging techniques a cap is placed on
top of the sensing element to avoid blocking the moving parts during the moulding phase of
the plastic encapsulation.
When an acceleration is applied to the sensor the proof mass displaces from its nominal
position, causing an imbalance in the capacitive half-bridge. This imbalance is measured
using charge integration in response to a voltage pulse applied to the capacitor.
At steady state the nominal value of the capacitors are few pF and when an acceleration is
applied the maximum variation of the capacitive load is in pF range.
3.2
IC interface
The complete measurement chain is composed by a low-noise capacitive amplifier which
converts the capacitive unbalancing of the MEMS sensor into an analog voltage that is
finally available to the user by analog-to-digital converters.
The acceleration data may be accessed through an I2C/SPI interface thus making the
device particularly suitable for direct interfacing with a microcontroller.
The LIS202DL features a Data-Ready signal (RDY) which indicates when a new set of
measured acceleration data is available thus simplifying data synchronization in the digital
system that uses the device.
The LIS202DL may also be configured to generate an inertial Wake-Up interrupt signal
accordingly to a programmed acceleration event along the enabled axes.
3.3
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and Zero-g level (TyOff).
The trimming values are stored inside the device in a non volatile memory. Any time the
device is turned on, the trimming parameters are downloaded into the registers to be used
during the normal operation. This allows to use the device without further calibration.


Similar Part No. - LIS202DL

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LIS21_N-50-12-300000 HUBERSUHNER-LIS21_N-50-12-300000 Datasheet
65Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-5-300000 HUBERSUHNER-LIS21_N-50-5-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-7-300000 HUBERSUHNER-LIS21_N-50-7-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-9-300000 HUBERSUHNER-LIS21_N-50-9-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results

Similar Description - LIS202DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com