Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS202DL Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 3Page - STMicroelectronics LIS202DL Datasheet HTML 4Page - STMicroelectronics LIS202DL Datasheet HTML 5Page - STMicroelectronics LIS202DL Datasheet HTML 6Page - STMicroelectronics LIS202DL Datasheet HTML 7Page - STMicroelectronics LIS202DL Datasheet HTML 8Page - STMicroelectronics LIS202DL Datasheet HTML 9Page - STMicroelectronics LIS202DL Datasheet HTML 10Page - STMicroelectronics LIS202DL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LIS202DL
Mechanical and electrical specifications
7/36
2.2
Electrical characteristics
(All the parameters are specified @ Vdd=2.5V, T= 25°C unless otherwise noted)
Table 4.
Electrical Characteristics(1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins Supply voltage(3)
1.71
Vdd+0.1
V
Idd
Supply current
T = 25°C, ODR=100Hz
0.3
0.4
mA
IddPdn
Current consumption in
power-down mode
T = 25°C
1
5
µA
VIH
Digital high level input
voltage
0.8*Vdd
_IO
V
VIL
Digital low level input voltage
0.2*Vdd
_IO
V
VOH
High level output voltage
0.9*Vdd
_IO
V
VOL
Low level output voltage
0.1*Vdd
_IO
V
ODR
Output data rate
DR=0
100
Hz
DR=1
400
BW
System bandwidth(4)
ODR/2
Hz
Ton
Turn-on time(5)
3/ODR
s
Top
Operating temperature range
-40
+85
°C
1.
The product is factory calibrated at 2.5V. The device can be used from 2.16V to 3.6V
2.
Typical specification are not guaranteed
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4.
Filter cut-off frequency
5.
Time to obtain valid data after exiting Power-Down mode


Similar Part No. - LIS202DL

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LIS21_N-50-12-300000 HUBERSUHNER-LIS21_N-50-12-300000 Datasheet
65Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-5-300000 HUBERSUHNER-LIS21_N-50-5-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-7-300000 HUBERSUHNER-LIS21_N-50-7-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-9-300000 HUBERSUHNER-LIS21_N-50-9-300000 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results

Similar Description - LIS202DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com