Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1395232 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1395232
Description  PLC-PT-TR/INV - Switching amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1395232 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1395232 Datasheet HTML 1Page - PHOENIX CONTACT 1395232 Datasheet HTML 2Page - PHOENIX CONTACT 1395232 Datasheet HTML 3Page - PHOENIX CONTACT 1395232 Datasheet HTML 4Page - PHOENIX CONTACT 1395232 Datasheet HTML 5Page - PHOENIX CONTACT 1395232 Datasheet HTML 6Page - PHOENIX CONTACT 1395232 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Notes on operation
The PLC-ATP separating plate should be installed for safe
isolation between adjacent modules
Notes on operation
At least one functional insulation against adjacent modules is
complied with in the support rail direction.
If the application has higher requirements on the insulation (basic
or reinforced insulation), then these must be realized through
suitable measures (e. g., partition plates).
Notes on operation
This item is intended to be used exclusively as a supplied part for
further processing by industry, trade, or other companies with
expertise in the field of EMC.
Product properties
Product type
Solid-state relay module
Product family
PLC-INTERFACE
Operating mode
100% operating factor
Insulation characteristics
Overvoltage category
II
Pollution degree
2
Electrical properties
Rated insulation voltage
50 V DC
Rated surge voltage
0.5 kV
Supply
Supply voltage UVcc
24 V DC
Supply voltage range
20 V DC ... 30 V DC
Input data
Typical input current at UN
6 mA
Protective circuit
Surge protection
Surge voltage protection
> 33 V
Transmission frequency
15 kHz
NPN
Switching threshold "1" signal voltage
≤ 5 V (at UVcc)
Switching threshold "0" signal, voltage
≥ 15 V (at UVcc)
Min. voltage input signal
-2 V
Max. voltage input signal
26 V
PNP
Switching threshold "1" signal voltage
≥ 19 V
Switching threshold "0" signal, voltage
≤ 9 V
Min. voltage input signal
-2 V
PLC-PT-TR/INV - Switching amplifier
1395232
https://www.phoenixcontact.com/us/products/1395232
Dec 20, 2024, 5:12 AM
Page 2 (7)


Similar Part No. - 1395232

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1395229 PHOENIX-1395229 Datasheet
274Kb / 7P
PLC-SC-TR/INV - Switching amplifier
More results

Similar Description - 1395232

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDC1097 CPI-VDC1097 Datasheet
344Kb / 1P
TR Limiter
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
logo
PHOENIX CONTACT
2943437 PHOENIX-2943437 Datasheet
104Kb / 3P
EMG 12-TR/INV
2900362 PHOENIX-2900362 Datasheet
80Kb / 5P
Solid-state relay module - PLC-PT-EIK 1-SVN 24M
2903803 PHOENIX-2903803 Datasheet
61Kb / 4P
Passive module - VIP-2/PT/FLK50/PLC
2964319 PHOENIX-2964319 Datasheet
138Kb / 4P
DEK-TR/INV
2900397 PHOENIX-2900397 Datasheet
471Kb / 13P
Solid-state relay module - PLC-PT-EIK 1-SVN 24P/P
2910140 PHOENIX-2910140 Datasheet
66Kb / 4P
Timer relay - PLC-TR-1T-MUL-300M
09/12/2020
1278798 PHOENIX-1278798 Datasheet
1Mb / 47P
Interface module - VFC-PT/FLK14/PLC
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com