Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1395232 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1395232
Description  PLC-PT-TR/INV - Switching amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1395232 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1395232 Datasheet HTML 1Page - PHOENIX CONTACT 1395232 Datasheet HTML 2Page - PHOENIX CONTACT 1395232 Datasheet HTML 3Page - PHOENIX CONTACT 1395232 Datasheet HTML 4Page - PHOENIX CONTACT 1395232 Datasheet HTML 5Page - PHOENIX CONTACT 1395232 Datasheet HTML 6Page - PHOENIX CONTACT 1395232 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
The inverter module with Push-in connection inverts the signals of ground switching NPN
transistor outputs into positive switching PNP outputs, as well as signals from PNP into NPN
switching signals.
Commercial data
Item number
1395232
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
C422
Product key
CK6223
GTIN
4063151776879
Weight per piece (including packing)
29.15 g
Weight per piece (excluding packing)
26.95 g
Customs tariff number
85365019
Country of origin
DE
PLC-PT-TR/INV - Switching amplifier
1395232
https://www.phoenixcontact.com/us/products/1395232
Dec 20, 2024, 5:12 AM
Page 1 (7)


Similar Part No. - 1395232

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1395229 PHOENIX-1395229 Datasheet
274Kb / 7P
PLC-SC-TR/INV - Switching amplifier
More results

Similar Description - 1395232

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDC1097 CPI-VDC1097 Datasheet
344Kb / 1P
TR Limiter
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
logo
PHOENIX CONTACT
2943437 PHOENIX-2943437 Datasheet
104Kb / 3P
EMG 12-TR/INV
2900362 PHOENIX-2900362 Datasheet
80Kb / 5P
Solid-state relay module - PLC-PT-EIK 1-SVN 24M
2903803 PHOENIX-2903803 Datasheet
61Kb / 4P
Passive module - VIP-2/PT/FLK50/PLC
2964319 PHOENIX-2964319 Datasheet
138Kb / 4P
DEK-TR/INV
2900397 PHOENIX-2900397 Datasheet
471Kb / 13P
Solid-state relay module - PLC-PT-EIK 1-SVN 24P/P
2910140 PHOENIX-2910140 Datasheet
66Kb / 4P
Timer relay - PLC-TR-1T-MUL-300M
09/12/2020
1278798 PHOENIX-1278798 Datasheet
1Mb / 47P
Interface module - VFC-PT/FLK14/PLC
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com