Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1395232 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1395232
Description  PLC-PT-TR/INV - Switching amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1395232 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1395232 Datasheet HTML 1Page - PHOENIX CONTACT 1395232 Datasheet HTML 2Page - PHOENIX CONTACT 1395232 Datasheet HTML 3Page - PHOENIX CONTACT 1395232 Datasheet HTML 4Page - PHOENIX CONTACT 1395232 Datasheet HTML 5Page - PHOENIX CONTACT 1395232 Datasheet HTML 6Page - PHOENIX CONTACT 1395232 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Max. voltage input signal
26 V
Output data
Continuous load current
200 mA (OUT1/OUT2)
Leakage current
< 1 mA
Residual voltage
< 1 V
Transmission frequency
15 kHz
Surge voltage protection
> 33 V
Protective circuit
Surge protection
Connection data
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section rigid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section flexible (2 conductors with same cross
section)
0.5 mm² ... 1 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
26 ... 14
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20 (Device)
Degree of protection (Installation location)
IP54 (Installation location)
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
≤ 2000 m
Standards and regulations
Standards/regulations
DIN EN 60664-1
Mounting
Mounting type
DIN rail mounting
Assembly note
in rows with zero spacing
Mounting position
any
PLC-PT-TR/INV - Switching amplifier
1395232
https://www.phoenixcontact.com/us/products/1395232
Dec 20, 2024, 5:12 AM
Page 3 (7)


Similar Part No. - 1395232

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1395229 PHOENIX-1395229 Datasheet
274Kb / 7P
PLC-SC-TR/INV - Switching amplifier
More results

Similar Description - 1395232

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDC1097 CPI-VDC1097 Datasheet
344Kb / 1P
TR Limiter
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
logo
PHOENIX CONTACT
2943437 PHOENIX-2943437 Datasheet
104Kb / 3P
EMG 12-TR/INV
2900362 PHOENIX-2900362 Datasheet
80Kb / 5P
Solid-state relay module - PLC-PT-EIK 1-SVN 24M
2903803 PHOENIX-2903803 Datasheet
61Kb / 4P
Passive module - VIP-2/PT/FLK50/PLC
2964319 PHOENIX-2964319 Datasheet
138Kb / 4P
DEK-TR/INV
2900397 PHOENIX-2900397 Datasheet
471Kb / 13P
Solid-state relay module - PLC-PT-EIK 1-SVN 24P/P
2910140 PHOENIX-2910140 Datasheet
66Kb / 4P
Timer relay - PLC-TR-1T-MUL-300M
09/12/2020
1278798 PHOENIX-1278798 Datasheet
1Mb / 47P
Interface module - VFC-PT/FLK14/PLC
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com