Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8K4-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR8K4-G
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8K4-G Datasheet(HTML) 2 Page - Supertex, Inc

  LR8K4-G Datasheet HTML 1Page - Supertex, Inc LR8K4-G Datasheet HTML 2Page - Supertex, Inc LR8K4-G Datasheet HTML 3Page - Supertex, Inc LR8K4-G Datasheet HTML 4Page - Supertex, Inc LR8K4-G Datasheet HTML 5Page - Supertex, Inc LR8K4-G Datasheet HTML 6Page - Supertex, Inc LR8K4-G Datasheet HTML 7Page - Supertex, Inc LR8K4-G Datasheet HTML 8Page - Supertex, Inc LR8K4-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
LR8
Ordering Information
DEVICE
Package Option
TO-243AA
TO-252
TO-92
LR8
LR8N8-G
LR8K4-G
LR8N3-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN input voltage (voltages ref to ADJ)
-0.5V to +480V
Output voltage range
-0.5V to +470V
Operating ambient temperature range
-40°C to +85°C
Operating junction temperature range
-40°C to +125°C
Storage temperature range
-65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Pin Configurations
Electrical Characteristics (Test conditions unless otherwise specified: -40°C < TA < 85°C.)
TO-252 (D-PAK)
(top view)
V
OUT
V
IN
ADJ
TO-243AA (SOT-89)
(top view)
V
IN
V
OUT
ADJ
V
OUT
V
IN
V
OUT
ADJ
TO-92
(front view)
Product marking for TO-243AA:
where
= 2-week alpha date code
LR8
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
IN - VOUT
Input to output voltage difference
12
-
450
V
---
V
OUT
Overall output voltage regulation
1.14
1.20
1.26
V
13.2V < V
IN< 400V,
R1 = 2.4KΩ, R2 = 0
V
OUT
Overall output voltage regulation
375
400
425
V
R1 = 2.4KΩ, R2 = 782KΩ
ΔV
OUT
Line regulation
-
0.003
0.01
%/V
17V < V
IN< 400V, VOUT = 5V,
I
OUT = 0.5mA
ΔV
OUT
Load regulation
-
1.4
3.0
%
V
IN = 17V, VOUT = 5V,
0.5mA <I
OUT< 10mA
ΔV
OUT
Temperature regulation
-1
-
+1
%
V
IN = 17V, VOUT = 5V, IOUT = 10mA,
-40°C < T
A < 85°C
I
OUT
Output current limit
10
-
30
mA
T
J < 85°C, VIN - VOUT = 12V
I
OUT
Output current limit
-
-
0.5
mA
T
J > 125°C, VIN - VOUT = 450V
I
OUT
Minimum output current
-
0.3
0.5
mA
Includes R1 and load current
I
ADJ
Adjust output current
5
10
15
µA
---
C2
Minimum output load capacitance
1
-
-
µF
---
DV
OUT/DVIN
Ripple rejection ratio
50
60
-
dB
120Hz, V
OUT = 5V
T
LIMIT
Junction temperature limit
125
-
-
°C
---
Product Marking


Similar Part No. - LR8K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8K4 SUTEX-LR8K4 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
More results

Similar Description - LR8K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com