Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Page 9 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
Table 3.1 Pin Descriptions
Pin #
Pin Name
I/O
Description
1
CFAD0
O
CF Address0
2
CLED
O
LED indicator for flash card operating
3
CFPWSW
O
CF Card Power Switch.('0':On; '1':Off)
4
CFEN
I
CF slot enable ('0':Enable[Default]; '1':Disable); Only
support in 4.5LUN mode
5
DECV
I
Device current value. ('0':Low power[Default]; '1':High
power)
6
RFU1
I
Reserved; Floating
7
XDCISN
I
xD check CIS. ('0':Enable[Default]; '1':Disable)
8
GPI1
I
Slot Mode Select
(GPI1,GPI0)=(0,0): Reserved
(GPI1,GPI0)=(0,1): 2 LUN
(GPI1,GPI0)=(1,0): 4.5 LUN [Default]
(GPI1,GPI0)=(1,1) : 1 LUN
9
GPI0
I
Slot Mode Select
(GPI1,GPI0)=(0,0): Reserved
(GPI1,GPI0)=(0,1): 2 LUN
(GPI1,GPI0)=(1,0): 4.5 LUN [Default]
(GPI1,GPI0)=(1,1) : 1 LUN
10
EEPDATA
IO
EEPDATA
11
EEPCLK
O
EEPCLK
12
CHIPRESETN
I
Chip Reset
13
RFU3
I
Reserved; Floating
14
VDDA
A
Analog 2.5V VDD
15
GNDA
A
Analog 2.5V GND
16
RPU
IO
Connect 1.5K pull up Res. to 3.3V VDD
17
AVDD
PWR
Analog Power 3.3V
18
NC
19
NC
20
DP
IO
DP
21
DM
IO
DM
22
NC
23
NC
24
AVSS
PWR
Analog GND
25
RREF
IO
Connect 1K Res. to GND for impedance match
26
PVDD
PWR
OSC Power 3.3V
27
XI
I
12MHz Crystal Input
28
XO
O
12MHz Crystal Output
29
PVSS
PWR
OSC GND
30
VDD25V
O
2.5V Power Output for Core Power
31
VDDH
I
IO Power 3.3V
32
VSSH
I
IO GND
33
SMALE
O
SMC ALE
34
SMCDN
I
SMC Card Detect (“0”:Detected; “1”:Undetected)


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com