Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 2Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 3Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 4Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Page 6 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
1.0 Introduction
1.1 Description
The AU6375 is a single chip integrated USB 2.0 multimedia card reader controller
that enables PC/DVD/Printer to read/write various type of flash media cards. Flash
media cards such as CF, SMC, XD, SD, MMC, Memory Stick are widely used in digital
camera, cell phone, PDA and MP3 player to store digital photos and compressed
music.
Performance of AU6375 is maximized by implementing the latest and fastest card
specification available form the industry.
Especially, AU6375 is designed with the high performance characteristic in flash
card I/O speed. Users can easy and fast transfer the digital content among the
different flash card.
1.2 Features
Support USB V2.0 specification and USB Device Class Definition for Mass
Storage, Bulk-Transport V1.0
Support CF/MD/SD/MMC/MS/MS_Pro/MS_Duo/xD/SMC compatible flash
card
Support the latest flash card specification: CF 3.0 (16-bit IDE mode), SD1.1
(HS-SD), MMC4.0 (8-bit), MSPro parallel mode (4-bit), xD 1.2
Support SD 2.0 specification
Hardware DMA engine integrated for performance enhancement.
Work with default driver from Windows ME/2000/XP and Mac OS X; Windows
98/2000(SP1/SP2) and Mac OS 9 are supported by vendor driver from Alcor.
Ping-pong FIFO implementation for concurrent bus operation
Support multiple sectors transfer optimize performance
Support slot-to-slot read/write operation
Support Dynamic Icon Utility
Support LED for bus operating indication
Power switch integrated to reduce production BOM cost
30MHz 8051 CPU
Built in 3.3V to 2.5V regulator
CF slot can be disable by pin4 in 4.5 LUN mode
Runs at 12MHz crystal
Available in 100-pin LQFP package


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com