Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 16Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 17Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 18Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 19Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Page 16 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
Table 5.7 Static characteristic:Analog I/O pins(DP/DM)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
USB2.0 Transceiver(HS)
Input Levels(differential receiver)
VHSDIFF
High speed differential
input sensitivity
VIDP-VIDM
measured at the
connection as
application circuit
300
mV
VHSCM
High speed data signaling
common mode voltage
range
-50
500
mV
Squelch detected
100
mV
VHSSQ
High speed squelch
detection threshold
No squelch detected
150
mV
Disconnection
detected
625
mV
VHSDSC
High speed disconnection
detection threshold
Disconnection not
detected
525
mV
Output Levels
VHSOI
High speed idle level
output
voltage(differential)
-10
10
mV
VHSOL
High speed low level
output
voltage(differential)
-10
10
mV
VHSOH
High speed high level
output
voltage(differential)
-360
400
mV
VCHIRPJ
Chirp-J output voltage
differential)
700
1100
mV
VCHIRPK
Chirp-K output voltage
differential)
-900
-500
mV
Resistance
Equivalent resistance
used as internal chip
only
3
6
9
RDRV
Driver output impedance
Overall resistance
including external
resistor
40.5
45
49.5
Ω
Termination
VTERM
Termination voltage for
pull-up resistor on pin
RPU
3.0
3.6
V
USB1.1 Transceiver(FS/LS)
Input Levels(differential receiver)
VDI
Differential input
sensitivity
VIDP-VIDM
0.2
V
VCM
Differential common
mode voltage
0.8
2.5
V
Input Levels(single-ended receivers)


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com