15 / 21 page
Page 15 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
5.5 USB Transceiver Characteristics
Table 5.5 Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AVCC
Analog supply Voltage
3.0
3.3
3.6
V
VCC
Digital supply Voltage
2.25
2.5
2.75
V
ICC
Operating supply current High speed operating
at 480 MHz
73
mA
ICC(susp)
Suspend supply current
In suspend mode,
current with 1.5kΩ
pull-up resistor on
pin RPU disconnected
120
µA
Table 5.6 Static characteristic:Digital pin
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input levels
VIL
Low-level input voltage
0.8
V
VIH
High-level input voltage
2.0
V
Output levels
VOL
Low-level output voltage
0.2
V
VOH
High-level output voltage
VCC-0.2
V
AVCC=3.0V~3.6V;VCC=2.25V~2.75V;Temp=0℃~85℃