Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 16Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 17Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Page 14 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
5.4 DC Electrical Characteristics of 3.3V I/O Cells
Table 5.4 DC Electrical Characteristics of 3.3V I/O Cells
Limits
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Power supply
3.3V I/O
3.0
3.3
3.6
V
Vil
Input low voltage
0.8
V
Vih
Input high voltage
LVTTL
2.0
V
Vol
Output low voltage
Iol∣=2~16mA
0.4
V
Voh
Output high voltage
Ioh∣=2~16mA
2.4
V
Rpu
Input pull-up resistance
PU=high, PD=low
40
75
190
Rpd
Input pull-down resistance PU=low, PD=high
40
75
190
Iin
Input leakage current
Vin= VCC or 0
-10
±
1
10
μ
A
Ioz
Tri-state output leakage
current
-10
±
1
10
μ
A


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com