Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 16Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Page 13 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
5.0 Electrical Characteristics
5.1 Absolute Maximum Ratings
Table 5.1 Absolute Maximum Ratings
SYMBOL
PARAMETER
RATING
UNITS
VCC
Power Supply
-0.3 to VCC+0.3
V
VIN
Input signal Voltage
-0.3 to 3.6
V
VOUT
Output signal Voltage
-0.3 to VCC+0.3
V
TSTG
Storage Temperature
-40 to 150
OC
5.2 Recommended Operating Conditions
Table 5.2 Recommended Operating Conditions
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VCC
Power Supply
3.0
3.3
3.6
V
VDD
Digital Supply
2.25
2.5
2.75
V
VIN
Input signal Voltage
0
3.3
5.2
V
TOPR
Operating Temperature
0
85
OC
5.3 Leakage Current and Capacitance
Table 5.3 General DC Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
IIN
Input current
no pull-up or
pull-down
-10
±
1
10
µA
IOZ
Tri-state leakage current
-10
±
1
10
µA
CIN
Input capacitance
Pad Limit
2.8
ρF
COUT
Output capacitance
Pad Limit
2.8
ρF
CBID
Bi-directional buffer
capacitance
Pad Limit
2.8
ρF


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com