Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Page 11 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
Pin #
Pin Name
I/O
Description
83
CFDATA8
IO
CF Data8
84
CFDATA7
IO
CF Data7
85
CFDATA6
IO
CF Data6
86
CFDATA5
IO
CF Data5
87
CFDATA4
IO
CF Data4
88
CFDATA3
IO
CF Data3
89
CFDATA2
IO
CF Data2
90
CFDATA1
IO
CF Data1
91
CFDATA15
IO
CF Data15
92
CFDATA14
IO
CF Data14
93
CFDATA13
IO
CF Data13
94
CFDATA12
IO
CF Data12
95
CFDATA11
IO
CF Data11
96
CFDATA10
IO
CF Data10
97
CFAD1
O
CF Address1
98
CFAD2
O
CF Address2
99
CFCDN
I
CF Card Detect (“0”:Detected; “1”:Undetected)
100
CFDATA0
IO
CF Data0


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com