Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AU6375
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6375 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AU6375 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6375 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10 of 21
AU6375 USB2.0 Multi-LUN Flash Memory Card Reader V1.01W
Official Release_ Public
Pin #
Pin Name
I/O
Description
35
SMCLE
O
SMC CLE
36
SMDATA0
IO
xD/SMC Data0
37
SMDATA1
IO
xD/SMC Data1
38
SMDATA2
IO
xD/SMC Data2
39
SMDATA3
IO
xD/SMC Data3
40
SMDATA4
IO
xD/SMC Data4
41
SMDATA5
IO
xD/SMC Data5
42
SMDATA6
IO
xD/SMC Data6
43
SMDATA7
IO
xD/SMC Data7
44
SMRBN
I
SMC RBN
45
SMRDN
O
SMC RDN
46
SMWRN
O
SMC WRN
47
XDCDN
I
XD Card Detect (“0”:Detected; “1”:Undetected)
48
XDCEN
O
XD CEN
49
XDWPN
IO
XD WPN
50
NC
51
VDD33
I
Power Switch 3.3V
52
CF_V33
O
CF Power
53
XD_V33
O
XD Power
54
MS_V33
O
MS Power
55
SD_V33
O
SD Power
56
MSBS
O
MS BS
57
MSCLK
O
MS CLK
58
MSDATA0
IO
MS Data0
59
MSDATA1
IO
MS Data1
60
MSDATA2
IO
MS Data2
61
MSDATA3
IO
MS Data3
62
MSINS
I
MS Card Detect (“0”:Detected; “1”:Undetected)
63
SDCDN
I
SD Card Detect (“0”:Detected; “1”:Undetected)
64
SDCLK
O
SD CLK
65
SDCMD
IO
SD CMD
66
SDDATA0
IO
SD/MMC Data0
67
SDDATA1
IO
SD/MMC Data1
68
SDDATA2
IO
SD/MMC Data2
69
SDDATA3
IO
SD/MMC Data3
70
SDDATA4
IO
MMC Data4
71
SDDATA5
IO
MMC Data5
72
SDDATA6
IO
MMC Data6
73
SDDATA7
IO
MMC Data7
74
SDWP
I
SD Write Protect
75
NC
76
VDD
I
Core Power 2.5V Input
77
GND
I
Core GND
78
CFWTN
I
CF WTN
79
CFWRN
O
CF WRN
80
CFRESETN
O
CF Reset
81
CFRDN
O
CF RDN
82
CFDATA9
IO
CF Data9


Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com