Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-375375N6X50-2 Datasheet(PDF) 1 Page - Anaren Microwave

Part # RFP-375375N6X50-2
Description  Aluminum Nitride Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-375375N6X50-2 Datasheet(HTML) 1 Page - Anaren Microwave

  RFP-375375N6X50-2 Datasheet HTML 1Page - Anaren Microwave RFP-375375N6X50-2 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aluminum Nitride Terminations
200 Watts, 50
Model RFP-375375N6X50-2
Outline Drawing
ALN
375375
6Xxxx
HATCHED AREA INDICATES
LOCATION OF PROTECTIVE COATING
.080
.375
.375
TOP VIEW
SIDE VIEW
.060
1
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Features
• DC – 2.5 GHz
• 200 Watts
• Aluminum Nitride (AlN) Ceramic
•Terminal for Lead Attachment
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
Note: XXX denotes value.
Notes: Tolerance is ±.010, unless otherwise specified. Operating
temperature is -55°C to +150°C (see chart). Designed to meet or exceed
applicable portions of MIL-E-5400. All dimensions are in inches.
Specifications subject to change without notice.
Electrical Specifications
Resistance Value:
50 ohms, ±2%
Frequency Range:
DC - 2.5 GHz
Power:
200 Watts
V.S.W.R.:
1.30:1
General Specifications
Resistive Element:
Thick film
Substrate:
Aluminum nitride ceramic
Terminals:
Tin/Lead, 90/10 over nickel
Available on Tape and Reel for Pick and Place Manufacturing.
VER. 12/5/01


Similar Part No. - RFP-375375N6X50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-375375N6Z50-2 ANAREN-RFP-375375N6Z50-2 Datasheet
509Kb / 2P
   Aluminum Nitride Terminations
logo
NXP Semiconductors
RFP-375375N6Z50-2 NXP-RFP-375375N6Z50-2 Datasheet
690Kb / 8P
   RF Power LDMOS Transistor
More results

Similar Description - RFP-375375N6X50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250375N6X50-2 ANAREN-RFP-250375N6X50-2 Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-10N50TVR ANAREN-RFP-10N50TVR Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
RFP-150N50TE ANAREN-RFP-150N50TE Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-100200N4X50-2 ANAREN-RFP-100200N4X50-2 Datasheet
501Kb / 2P
   Aluminum Nitride Terminations
RFP-10N50TV ANAREN-RFP-10N50TV Datasheet
494Kb / 2P
   Aluminum Nitride Terminations
RFP-100N50TW ANAREN-RFP-100N50TW Datasheet
504Kb / 2P
   Aluminum Nitride Terminations
RFP-375375N6Z50-2 ANAREN-RFP-375375N6Z50-2 Datasheet
509Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TP ANAREN-RFP-20N50TP Datasheet
498Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPC ANAREN-RFP-20N50TPC Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPR ANAREN-RFP-20N50TPR Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com