Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-250375N6X50-2 Datasheet(PDF) 2 Page - Anaren Microwave

Part # RFP-250375N6X50-2
Description  Aluminum Nitride Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-250375N6X50-2 Datasheet(HTML) 2 Page - Anaren Microwave

  RFP-250375N6X50-2 Datasheet HTML 1Page - Anaren Microwave RFP-250375N6X50-2 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model RFP-250375N6X50-2
Typical Performance
2
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Power Derating
Suggested Mounting Procedures
SUGGESTED STRESS RELIEF METHODS
SCALE:
BOARD LOWER
THAN LEAD.
.025
(2 PLACES)
MIN.
1. Make sure that the devices are mounted on flat surfaces
(.001” under the device) to optimize the heat transfer.
2. Position device on mounting surface and solder in place
using an SN96 type solder.
3. Solder leads in place using an SN63 type solder with a
controlled temperature iron (700°F).
CASE TEMPERATURE —
°C
150
125
100
75
50
25
100
75
25
50
0
Available on Tape and Reel for Pick and Place Manufacturing.
RFP-250375N6X50-2


Similar Part No. - RFP-250375N6X50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250375N4Z50-2 ANAREN-RFP-250375N4Z50-2 Datasheet
516Kb / 2P
   Aluminum Nitride Terminations 25 Watts, 50ohm
More results

Similar Description - RFP-250375N6X50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-10N50TVR ANAREN-RFP-10N50TVR Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
RFP-150N50TE ANAREN-RFP-150N50TE Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-100200N4X50-2 ANAREN-RFP-100200N4X50-2 Datasheet
501Kb / 2P
   Aluminum Nitride Terminations
RFP-375375N6X50-2 ANAREN-RFP-375375N6X50-2 Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
RFP-10N50TV ANAREN-RFP-10N50TV Datasheet
494Kb / 2P
   Aluminum Nitride Terminations
RFP-100N50TW ANAREN-RFP-100N50TW Datasheet
504Kb / 2P
   Aluminum Nitride Terminations
RFP-375375N6Z50-2 ANAREN-RFP-375375N6Z50-2 Datasheet
509Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TP ANAREN-RFP-20N50TP Datasheet
498Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPC ANAREN-RFP-20N50TPC Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPR ANAREN-RFP-20N50TPR Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com