Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARD-02 Datasheet(PDF) 3 Page - AG Electronica

Part # ARD-02
Description  KIT DE ARDUINO INTERMEDIO OSEPP 201
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

ARD-02 Datasheet(HTML) 3 Page - AG Electronica

  ARD-02 Datasheet HTML 1Page - AG Electronica ARD-02 Datasheet HTML 2Page - AG Electronica ARD-02 Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1 Motor paso a paso
1 Conductor de motor paso a paso
1 Tablero 30 columnas x 14 filas (incluye 2 VCC y 2 GND)
2 Terminales de tornillo de 2 pines
10 Cables puente de 6 pulgadas macho a macho (rojo)
10 Cables puente de 6 pulgadas macho a macho (negro)
10 Cables puente de 6 pulgadas macho a macho (blanco)
10 Cables puente de 6 pulgadas macho a macho (gris)
10 Cables puente de 6 pulgadas macho a macho (azul)
10 Cables puente de 6 pulgadas macho a hembra (blanco)
1 Libro de tutoriales Arduino Basics 201
1 Kit de contenedor
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. DJRS
Fecha: 27/03/2018
Rev 2. DMM
ARD-02: KIT DE ARDUINO INTERMEDIO
OSEPP 201


Similar Part No. - ARD-02

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ARD-01 AGELECTRONICA-ARD-01 Datasheet
165Kb / 2P
KIT DE INICIO RAPIDO OSEPP 101 INCLUYE ARDUINO UNO
27/03/2018
ARD-01B AGELECTRONICA-ARD-01B Datasheet
165Kb / 2P
KIT DE INICIO RAPIDO OSEPP 101 NO INCLUYE ARDUINO
27/03/2018
More results

Similar Description - ARD-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Molex Electronics Ltd.
ATS-190472230 MOLEX-ATS-190472230 Datasheet
120Kb / 2P
ATP-201 Tooling Kit- 19047-2230
09-13-13
logo
SparkFun Electronics
PRT-11417 SPARKFUN-PRT-11417 Datasheet
173Kb / 1P
Arduino Stackable Header Kit - R3
8/3/2016
logo
NXP Semiconductors
AN11841 NXP-AN11841 Datasheet
700Kb / 21P
PN7150 Arduino SBC Kit Quick Start Guide
Rev. 1.2-19 August 2016
AN11844 NXP-AN11844 Datasheet
1Mb / 21P
PN7120 Arduino SBC Kit Quick Start Guide
Rev. 1.4-25 July 2018
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
Cherry Semiconductor Co...
JK-A0100EU CHERRY-JK-A0100EU Datasheet
363Kb / 2P
FIPS 201 CERTIFIED
logo
KR Electronics, Inc.
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
201 MHz Lowpass Filter
logo
Varitronix internationa...
VI-201-DP VARITRONIX-VI-201-DP Datasheet
30Kb / 1P
VI-201-DP
logo
TriQuint Semiconductor
856541 TRIQUINT-856541_15 Datasheet
597Kb / 6P
201 MHz SAW Filter
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com