Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-20N50TPR Datasheet(PDF) 1 Page - Anaren Microwave

Part # RFP-20N50TPR
Description  Aluminum Nitride Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-20N50TPR Datasheet(HTML) 1 Page - Anaren Microwave

  RFP-20N50TPR Datasheet HTML 1Page - Anaren Microwave RFP-20N50TPR Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aluminum Nitride Terminations
20 Watts, 50
Model RFP-20N50TPR
Outline Drawing
.122
.150
.125
.515
.125
.050
.125
.250
.062
RFP
20N50
TPR
.116 DIA. THRU.
1
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Features
• DC – 4.0 GHz
• 20 Watts
• Aluminum Nitride (AlN) Ceramic
•Welded Silver Leads
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
Notes: Tolerance is ±.010, unless otherwise specified. Operating
temperature is -55°C to +150°C (see chart). Designed to meet or exceed
applicable portions of MIL-E-5400. All dimensions are in inches. Lead
length 0.15” minimum.
Specifications subject to change without notice.
Electrical Specifications
Resistance Value:
50 ohms, ±5%
Frequency Range:
DC - 4.0 GHz
Power:
20 Watts
V.S.W.R.:
1.25:1
General Specifications
Resistive Element:
Thick film
Substrate:
Aluminum nitride ceramic
Cover:
Alumina ceramic
Mounting Flange:
Copper, nickel plated per
QQ-N-290
Lead(s):
99.99% pure silver (.005” thk)
VER. 12/5/01


Similar Part No. - RFP-20N50TPR

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-20N50TP ANAREN-RFP-20N50TP Datasheet
498Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPC ANAREN-RFP-20N50TPC Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
More results

Similar Description - RFP-20N50TPR

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250375N6X50-2 ANAREN-RFP-250375N6X50-2 Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-10N50TVR ANAREN-RFP-10N50TVR Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
RFP-150N50TE ANAREN-RFP-150N50TE Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
RFP-100200N4X50-2 ANAREN-RFP-100200N4X50-2 Datasheet
501Kb / 2P
   Aluminum Nitride Terminations
RFP-375375N6X50-2 ANAREN-RFP-375375N6X50-2 Datasheet
499Kb / 2P
   Aluminum Nitride Terminations
RFP-10N50TV ANAREN-RFP-10N50TV Datasheet
494Kb / 2P
   Aluminum Nitride Terminations
RFP-100N50TW ANAREN-RFP-100N50TW Datasheet
504Kb / 2P
   Aluminum Nitride Terminations
RFP-375375N6Z50-2 ANAREN-RFP-375375N6Z50-2 Datasheet
509Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TP ANAREN-RFP-20N50TP Datasheet
498Kb / 2P
   Aluminum Nitride Terminations
RFP-20N50TPC ANAREN-RFP-20N50TPC Datasheet
502Kb / 2P
   Aluminum Nitride Terminations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com