Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61040 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS61040
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61040 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS61040_07 Datasheet HTML 11Page - Texas Instruments TPS61040_07 Datasheet HTML 12Page - Texas Instruments TPS61040_07 Datasheet HTML 13Page - Texas Instruments TPS61040_07 Datasheet HTML 14Page - Texas Instruments TPS61040_07 Datasheet HTML 15Page - Texas Instruments TPS61040_07 Datasheet HTML 16Page - Texas Instruments TPS61040_07 Datasheet HTML 17Page - Texas Instruments TPS61040_07 Datasheet HTML 18Page - Texas Instruments TPS61040_07 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.ti.com
VIN
SW
FB
EN
GND
L1
6.8
µH
D1
R1
1.5 MW
R2
210 kW
CFF
22 pF
C2
1
µF
V1 = 10 V/15 mA
VIN = 2.7 V to 5 V
C1
4.7
µF
C4
4.7
µF
C3
1
µF
V2 = -10 V/15 mA
D2
D3
L1:
Murata LQH4C6R8M04
D1, D2, D3: Motorola MBR0530
C1:
Tayo Yuden JMK212BY475MG
C2, C3, C4: Tayo Yuden EMK316BJ105KF
TPS61040
VIN
SW
FB
EN
GND
L1
6.8
µH
D1
R1
1.8 MW
R2
205 kW
CFF
4.7 pF
C2
4.7
µF
VO = 12 V/35 mA
VIN 3.3 V
C1
10
µF
L1:
Murata LQH4C6R8M04
D1:
Motorola MBR0530
C1:
Tayo Yuden JMK212BJ106MG
C2:
Tayo Yuden EMK316BJ475ML
TPS61040
VIN
SW
FB
EN
GND
3.3
µH
D1
C2
4.7
µF
5 V/45 mA
1.8 V to 4 V
C1
4.7
µF
TPS61040
L1:
Murata LQH4C3R3M04
D1:
Motorola MBR0530
C1, C2:
Tayo Yuden JMK212BY475MG
CFF
3.3 pF
R1
620 kW
R2
200 kW
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
Figure 19. Positive and Negative Output LCD Bias Supply
Figure 20. Standard 3.3-V to 12-V Supply
Figure 21. Dual Battery Cell to 5-V/50-mA Conversion
Efficiency Approx. Equals 84% at VIN = 2.4 V to Vo = 5 V/45 mA
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS61040 TPS61041


Similar Part No. - TPS61040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results

Similar Description - TPS61040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com