Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61040 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61040
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61040 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61040_07 Datasheet HTML 1Page - Texas Instruments TPS61040_07 Datasheet HTML 2Page - Texas Instruments TPS61040_07 Datasheet HTML 3Page - Texas Instruments TPS61040_07 Datasheet HTML 4Page - Texas Instruments TPS61040_07 Datasheet HTML 5Page - Texas Instruments TPS61040_07 Datasheet HTML 6Page - Texas Instruments TPS61040_07 Datasheet HTML 7Page - Texas Instruments TPS61040_07 Datasheet HTML 8Page - Texas Instruments TPS61040_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DBV PACKAGE
(Top View)
1
SW
GND
FB
VIN
EN
GND
SW
VIN
NC
EN
FB
3
2
1
4
5
6
DRV PACKAGE
(Top View)
TYPICAL APPLICATION
VIN
SW
FB
EN
GND
L1
10
µH
D1
R1
R2
CFF
CO
1
µF
VOUT
VIN to 28 V
VIN
1.8 V to 6.0 V
CIN
4.7
µF
70
72
74
76
78
80
82
84
86
88
90
0.10
1
10
100
VI = 5 V
VI = 3.6 V
VI = 2.4 V
EFFICIENCY
vs
OUTPUT CURRENT
IO - Output Current - mA
5
4
2
3
1
VO = 18 V
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
www.ti.com
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
• 1.8-V to 6-V Input Voltage Range
The
TPS61040/41
is
a
high-frequency
boost
converter dedicated for small to medium LCD bias
• Adjustable Output Voltage Range up to 28 V
supply and white LED backlight supplies. The device
• 400-mA (TPS61040) and 250-mA (TPS61041)
is ideal to generate output voltages up to 28 V from a
Internal Switch Current
dual cell NiMH/NiCd or a single cell Li-Ion battery.
• Up to 1-MHz Switching Frequency
The part can also be used to generate standard
3.3-V/5-V to 12-V power conversions.
• 28-μA Typical No-Load Quiescent Current
• 1-μA Typical Shutdown Current
The
TPS61040/41
operates
with
a
switching
frequency up to 1 MHz. This allows the use of small
• Internal Soft Start
external components using ceramic as well as
• Available in SOT23-5 and 2 × 2 × 0.8-mm SON
tantalum output capacitors. Together with the thin
Packages
SON package, the TPS61040/41 gives a very small
overall solution size. The TPS61040 has an internal
400 mA switch current limit, while the TPS61041 has
• LCD Bias Supply
a 250-mA switch current limit, offering lower output
voltage ripple and allows the use of a smaller form
• White-LED Supply for LCD Backlights
factor inductor for lower power applications. The low
• Digital Still Camera
quiescent current (typically 28
μA) together with an
• PDAs, Organizers, and Handheld PCs
optimized control scheme, allows device operation at
• Cellular Phones
very high efficiencies over the entire load current
range.
• Internet Audio Player
• Standard 3.3-V/5-V to 12-V Conversion
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results

Similar Description - TPS61040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com