Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1X505 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1X505
Description  Directional Couplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1X505 Datasheet(HTML) 1 Page - Anaren Microwave

  1X505 Datasheet HTML 1Page - Anaren Microwave 1X505 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications
2.5.53
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Directional Couplers
5 dB
Features
• 1.7 - 2.0 GHz
• Very Low Loss
• High Directivity
• Surface Mountable
• Tape And Reel
• Miniature Package
• 100% Tested
Model 1X505
Description
The 1X505 is a low profile 5dB directional coupler in an easy to use
miniature surface mount package covering the DCS and PCS bands.
The 1X505 is ideal for 3 and 4 way inline split/combine amplifiers and
for power injection and can be used in most high power designs.
Parts have been run through rigorous qualification testing and units
are 100% tested. They are manufactured using materials with x and
y thermal expansion coefficients compatable with common sub-
strates.
Frequency
Mean Coupling
Insert. Loss
VSWR
GHz
dB
dB Max
Max : 1
1.7 - 2.0
5.0 ± 0.4
0.20
1.19
Freq. Sens.
Directivity
Θ
JC
Power
dB Max
dB Min
(oC/diss. Watt)
Watts Ave/CW
±0.30
18
17.6
60
Outline Drawing
Specifications subject to change without notice.
Dimensions are inches over (mm)


Similar Part No. - 1X505

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
1X5 TRANSKO-1X5 Datasheet
389Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)
Rev.1: Jul. 2014
More results

Similar Description - 1X505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
Directional Couplers
logo
Anaren Microwave
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
Directional Couplers
logo
Merrimac Industries, In...
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
DIRECTIONAL COUPLERS
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
Directional Couplers
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com