Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4502B Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK4502B
Description  Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4502B Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK4502B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK4502B
Strobed Hex Inverter/Buffer
High-Voltage Silicon-Gate CMOS
ORDERING INFORMATION
KK4502BN Plastic
KK4502BD SOIC
TA = -55° to 125° C for all packages
The KK4502B consists of six inverter/buffers with 3-state outputs. A
logic “1” on the OUTPUT ENABLE input produces a high impedance
state in all six outputs. This feature permits common busing of the
outputs, thus simplifying system design. A logic “1” on the DIRECTION
input switches all six outputs to logic “0” if the OUTPUT ENABLE input
is a logic “0”.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature
range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND
FUNCTION TABLE
Inputs
Output
Output
Enable
Direction
A
Y
L
L
L
H
L
L
H
L
L
H
X
L
H
X
X
Z
Z = high impedance
X = don’t care
1


Similar Part No. - KK4502B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK4500A LUGUANG-KK4500A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
D+H Mechatronic AG
KK4503 DH-KK4503 Datasheet
443Kb / 2P
   SHEV control panel - compact
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
KK4503BD KODENSHI-KK4503BD Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
KK4503BN KODENSHI-KK4503BN Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4502B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com