Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3202 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HSDL-3202
Description  IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3202 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Test Methods
Background Light and
Electromagnetic Field
There are four ambient interfer-
ence conditions in which the
receiver is to operate correctly.
The conditions are to be applied
separately:
1. Electromagnetic Field:
3 V/m maximum (please refer
to IEC 801-3, severity level 3
for details).
2. Sunlight:
10 kilolux maximum at the
optical port. This is simulated
with an IR source having a
peak wavelength within the
range of 850 nm to 900 nm
and a spectral width of less
than 50 nm biased to provide
490
µW/cm2 (with no modula-
tion) at the optical port. The
light source faces the optical
port.
This simulates sunlight within
the IrDA spectral range. The
effect of longer wavelength
radiation is covered by the
incandescent condition.
3. Incandescent Lighting: 1000
lux maximum. This is pro-
duced with general service,
tungsten-filament, gas-filled,
inside frosted lamps in the
60 Watt to 100 Watt range to
generate 1000 lux over the
horizontal surface on which
the equipment under test rests.
The light sources are above the
test area. The source is
expected to have a filament
temperature in the 2700 to
3050 Kelvin range and a
spectral peak in the 850 to
1050 nm range.
4. Fluorescent Lighting:
1000 lux maximum. This is
simulated with an IR source
having a peak wavelength
within the range of 850 nm to
900 nm and a spectral width of
less than 50 nm biased and
modulated to provide an
optical square wave signal
(0
µW/cm2 minimum and 0.3
µW/cm2 peak amplitude with
10% to 90% rise and fall times
less than or equal to 100 ns)
over the horizontal surface on
which the equipment under
test rests. The light sources are
above the test area. The fre-
quency of the optical signal is
swept over the frequency
range from 20 kHz to 200 kHz.
Due to the variety of fluores-
cent lamps and the range of IR
emissions, this condition is not
expected to cover all circum-
stances. It will provide a com-
mon floor for IrDA operation.


Similar Part No. - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com