Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3202 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HSDL-3202
Description  IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3202 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Shape of the Window
From an optics standpoint, the
window should be flat. This en-
sures that the window will not
alter either the radiation pattern
of the LED, or the receive pattern
of the photodiode.
If the window must be curved for
mechanical design reasons, place
a curve on the back side of the
window that has the same radius
as the front side. While this will
not completely eliminate the lens
effect of the front curved surface,
it will reduce the effects. The
amount of change in the radiation
pattern is dependent upon the
material chosen for the window,
the radius of the front and back
curves, and the distance from the
back surface to the transceiver.
Once these items are known, a
lens design can be made which
will eliminate the effect of the
front surface curve.
The following drawings show the
effects of a curved window on the
radiation pattern. In all cases,
the center thickness of the win-
dow is 1.5 mm, the window is
made of polycarbonate plastic,
and the distance from the trans-
ceiver to the back surface of the
window is 3 mm.
Flat Window
Curved Front, Flat Back
(This option is not recommended
and should not be used.)
Curved Front and Back
(This option can be used if neces-
sary for application purpose. A
large radius of curvature is
recommended and both front and
back should have the same
radius.)


Similar Part No. - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com