Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3202 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL-3202
Description  IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3202 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3202 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Pick and Place Misalignment
Tolerance and Self-Alignment after
Solder Reflow
If the printed solder paste volume
is adequate, the HSDL-3202 will
self-align after solder reflow.
Units should be properly reflowed
in IR/hot air convection oven
using the recommended reflow
profile. The direction of board
travel does not matter.
Direction Definition
Allowable Misalignment
Direction
Tolerance
X
≤ 0.2 mm
Y
See text
θ≤ ± 3 degrees
Tolerance for X-axis Alignment of
Castellation
Misalignment of castellation to
the land pad should not exceed
0.2 mm or about one-half the
width of the castellation during
placement of the unit. The
castellations will self-align to the
pads during solder reflow.
Y
θ
X
Tolerance for Rotational (
θ)
Misalignment
Mounted units should not be
rotated more than
± 3 degrees
with reference to center X-Y as
shown in the direction definition.
Units that are rotated more than
± 3 degrees will not self-align
after solder reflow. Units with
less than a
± 3 degree misalign-
ment will self-align after solder
reflow.
Y-axis Misalignment of Castellation
In the Y direction, the HSDL-
3202 does not self-align after
solder reflow. Agilent recom-
mends that the part be placed in
line with the fiducial mark (mid-
length of land pad). This will
enable sufficient land length
(minimum of 1/2 land length) to
form a good joint. See the
drawing below.
Recommended Solder Paste/Cream
Volume for Castellation Joints
Based on calculation and experi-
ment, the printed solder paste
volume required per castellation
pad is 0.22 cubic mm (based on
either no-clean or aqueous solder
cream types with typically 60% to
65% solid content by volume).
Using the recommended stencil
will result in this volume of solder
paste.
MINIMUM 1/2 THE LENGTH
OF THE LAND PAD
EDGE
FIDUCIAL


Similar Part No. - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com