Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3202 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL-3202
Description  IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3202 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3202 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parameter
Symbol Min.
Typ.
Max.
Units
Conditions
Note
Transceiver
SD Logic
High
VIH
2/3 IOVCC
IOVCC
V
IOVCC ≥ 1.8 V
Levels
Low
VIL
0
1/3 IOVCC V
IOVCC ≥ 1.8 V
SD Input
High
IH
10
200
nA
VI ≥ 2/3 IOVCC. Max value at 25°C
Current
Low
IL
–300
–10
nA
0
≤ VI ≤ 1/3 IOVCC. Max value at 25°C
Supply
Shutdown ICC1
10
200
nA
VCC = 3.6 V, VSD = IOVCC
Current
Idle
ICC2
100
250
µAVCC = 3.6 V, VI(TXD) ≤ 1/3 IOVCC, EI=0
Peak
ICC3
2.0
10.0
mA
VCC = 3.6 V, VI(TXD) ≤ 1/3 IOVCC
11, 12
Active
Receive
Peak
ICC4
5.0
9.0
mA
VCC = 3.6 V, VI(TXD) ≤ 2/3 IOVCC
11
Active
Transmit
IOVCC Current
IIOVCC
30
200
nA
Notes:
1. C1,C2, and C3 must be placed within 0.7 cm of the HSDL-3202 to obtain optimum noise immunity. If VLED and VCC are tied together, then the
application may use one less capacitor.
2. If TXD is stuck in the high state, the LED will turn off after about 20
µs.
3. In-Band IrDA signals and data rates
≤ 115.2 Kb/s.
4. RXD Logic Low is a pulsed response. The condition is maintained for a duration that is dependent upon the data pattern.
5. RXD Logic High during shutdown is a weak pullup resistor (300 k
Ω).
6. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 nm ≤ λp ≤ 900 nm, and the pulse
characteristics are compliant with the IrDA Serial Infrared Physical Layer Link Specification.
7. For in-band signals [115.2 Kb/s where 8.1
µW/cm2 ≤ EI ≤ 500 mW/cm2].
8. Latency is defined as the time from the last TXD light output pulse until the receiver has recovered full sensitivity.
9. Receiver wake up time is measured from the SD pin high-to-low transition or VCC power on to valid RXD output.
10. Transmitter wake up time is measured from the SD pin high-to-low transition or VCC power on to valid light output in response to a TXD pulse.
11. Typical values are at EI = 10 mW/cm2.
12. Maximum value is at EI = 500 mW/cm2.


Similar Part No. - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com