Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 20 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 20 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 16Page - Winbond W83977EF-AW Datasheet HTML 17Page - Winbond W83977EF-AW Datasheet HTML 18Page - Winbond W83977EF-AW Datasheet HTML 19Page - Winbond W83977EF-AW Datasheet HTML 20Page - Winbond W83977EF-AW Datasheet HTML 21Page - Winbond W83977EF-AW Datasheet HTML 22Page - Winbond W83977EF-AW Datasheet HTML 23Page - Winbond W83977EF-AW Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
W83977EF-AW/W83977EG-AW
-18-
4.7 KBC Interface
SYMBOL
PIN
I/O
FUNCTION
KDATA
59
I/O16u
Keyboard Data
MDATA
60
I/O16u
PS2 Mouse Data
KCLK
67
I/O16u
Keyboard Clock
MCLK
68
I/O16u
PS2 Mouse Clock
GA20
56
I/O12t
KBC GATE A20 (P21) Output. (CR2A bit 6 = 0, default)
GP11
I/O12t
General purpose I/O port 1 bit 1. (CR2A bit 6 = 1)
(IRQIN2)
Alternate Function from GP11: Interrupt channel input.
KBRST
57
I/O12t
W83C45 Keyboard Reset (P20) Output. (CR2A bit 7 = 0, default)
GP12
I/O12t
General purpose I/O port 1 bit 2. (CR2A bit 7 = 1)
(WDTO)
Alternate Function 1 from GP12 : Watchdog timer output.
KBLOCK
58
INts
W83C45 KINH (P17) Input. (CR2B bit 0 = 0, default)
GP13
I/O16t
General purpose I/O port 1 bit 3. (CR2B bit 0 = 1)
4.8 POWER PINS
SYMBOL
PIN
FUNCTION
VCC
20, 55, 85,
115
+5V power supply for the digital circuitry
VSB
71
+5V stand-by power supply for the digital circuitry
GND
25, 62, 90,
120
Ground
4.9 ACPI Interface
SYMBOL
PIN
I/O
FUNCTION
VBAT
64
NA
battery voltage input
XTAL1
63
INC
32.768Khz Clock Input
XTAL2
61
O8t
32.768Khz Clock Output


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com