Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 19 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 19 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 15Page - Winbond W83977EF-AW Datasheet HTML 16Page - Winbond W83977EF-AW Datasheet HTML 17Page - Winbond W83977EF-AW Datasheet HTML 18Page - Winbond W83977EF-AW Datasheet HTML 19Page - Winbond W83977EF-AW Datasheet HTML 20Page - Winbond W83977EF-AW Datasheet HTML 21Page - Winbond W83977EF-AW Datasheet HTML 22Page - Winbond W83977EF-AW Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-17-
Revision 1.2
4.6 FDC Interface
SYMBOL
PIN
I/O
FUNCTION
DRVDEN0
2
OD24
Drive Density Select bit 0.
DRVDEN1
3
OD24
Drive Density Select bit 1. (CR2A bit 1_0 = 00, default)
GP10
IO24t
General purpose I/O port 1 bit 0. (CR2A bit 1_0 = 01)
(IRQIN1)
Alternate Function from GP10: Interrupt channel input.
P12
IO24t
KBC P12 I/O port. (CR2A bit 1_0 = 10)
SCI#
OUT12t
System Control Interrupt (CR2A bit 1_0 = 11)
HEAD#
5
OD24
Head select. This open drain output determines which disk drive
head is active.
Logic 1 = side 0
Logic 0 = side 1
WE#
9
OD24
Write enable. An open drain output.
WD#
10
OD24
Write data. This logic low open drain writes pre-compensation
serial data to the selected FDD. An open drain output.
STEP#
11
OD24
Step output pulses. This active low open drain output produces a
pulse to move the head to another track.
DIR#
12
OD24
Direction of the head step motor. An open drain output.
Logic 1 = outward motion
Logic 0 = inward motion
MOB#
13
OD24
Motor B On. When set to 0, this pin enables disk drive 1. This is
an open drain output.
DSA#
14
OD24
Drive Select A. When set to 0, this pin enables disk drive A. This
is an open drain output.
DSB#
15
OD24
Drive Select B. When set to 0, this pin enables disk drive B. This
is an open drain output.
MOA#
16
OD24
Motor A On. When set to 0, this pin enables disk drive 0. This is
an open drain output.
DSKCHG#
4
INcs
Diskette change. This signal is active low at power on and
whenever the diskette is removed. This input pin is pulled up
internally by a 1 K
Ω resistor. The resistor can be disabled by bit 7
of L0-CRF0 (FIPURDWN).
RDATA#
6
INcs
The read data input signal from the FDD. This input pin is pulled
up internally by a 1 K
Ω resistor. The resistor can be disabled by
bit 7 of L0-CRF0 (FIPURDWN).
WP#
7
INcs
Write protected. This active low Schmitt input from the disk drive
indicates that the diskette is write-protected. This input pin is
pulled up internally by a 1 K
Ω resistor. The resistor can be
disabled by bit 7 of L0-CRF0 (FIPURDWN).
TRAK0#
8
INcs
Track 0. This Schmitt-triggered input from the disk drive is active
low when the head is positioned over the outermost track. This
input pin is pulled up internally by a 1 K
Ω resistor. The resistor
can be disabled by bit 7 of L0-CRF0 (FIPURDWN).
INDEX#
17
INcs
This Schmitt-triggered input from the disk drive is active low
when the head is positioned over the beginning of a track marked
by an index hole. This input pin is pulled up internally by a 1 K
Ω
resistor. The resistor can be disabled by bit 7 of L0-CRF0
(FIPURDWN).


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com