Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 14 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 14 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 10Page - Winbond W83977EF-AW Datasheet HTML 11Page - Winbond W83977EF-AW Datasheet HTML 12Page - Winbond W83977EF-AW Datasheet HTML 13Page - Winbond W83977EF-AW Datasheet HTML 14Page - Winbond W83977EF-AW Datasheet HTML 15Page - Winbond W83977EF-AW Datasheet HTML 16Page - Winbond W83977EF-AW Datasheet HTML 17Page - Winbond W83977EF-AW Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
W83977EF-AW/W83977EG-AW
-12-
Serial Port Interface, continued
RTSB#
50
I/O8t
UART B Request To Send. An active low signal informs the
modem or data set that the controller is ready to send data.
DTRA#
PNPCSV#
44
I/O8t
UART A Data Terminal Ready. An active low signal informs the
modem or data set that the controller is ready to communicate.
During power-on reset, this pin is pulled down internally and is
defined as PNPCSV#, which provides the power-on value for
CR24 bit 0 (PNPCSV#). A 4.7 k
Ω is recommended if intends to
pull up. (clear the default value of FDC, UARTs, and PRT)
DTRB#
51
I/O8t
UART B Data Terminal Ready. An active low signal informs the
modem or data set that controller is ready to communicate.
SINA
SINB
45, 52
INt
Serial Input. Used to receive serial data through the
communication link.
SOUTA
46
I/O8t
UART A Serial Output. Used to transmit serial data out to the
communication link.
PENKBC
During power-on reset, this pin is pulled down internally and is
defined as PENKBC, which provides the power-on value for
CR24 bit 2 (ENKBC). A 4.7 k
Ω resistor is recommended if
intends to pull up. (enable KBC)
SOUTB
PEN48
53
I/O8t
UART B Serial Output. During power-on reset, this pin is pulled
down internally and is defined as PEN48, which provides the
power-on value for CR24 bit 6 (EN48). A 4.7 k
Ω resistor is
recommended if intends to pull up.
DCDA#
DCDB#
47
54
INt
Data Carrier Detect. An active low signal indicates the modem or
data set has detected a data carrier.
RIA#
RIB#
65
66
INt
Ring Indicator. An active low signal indicates that a ring signal is
being received from the modem or data set.
4.4 Infrared Interface
SYMBOL
PIN
I/O
FUNCTION
IRRX
37
INcs
Infrared Receiver input.
IRTX
38
OUT12t
Infrared Transmitter Output.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com