Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 13 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 13 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 9Page - Winbond W83977EF-AW Datasheet HTML 10Page - Winbond W83977EF-AW Datasheet HTML 11Page - Winbond W83977EF-AW Datasheet HTML 12Page - Winbond W83977EF-AW Datasheet HTML 13Page - Winbond W83977EF-AW Datasheet HTML 14Page - Winbond W83977EF-AW Datasheet HTML 15Page - Winbond W83977EF-AW Datasheet HTML 16Page - Winbond W83977EF-AW Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-11-
Revision 1.2
4.2 General Purpose I/O Port
SYMBOL
PIN
I/O
FUNCTION
PWR_CTL#
69
OD16u
Power supply control
GP20
(KBRST)
I/O16tu
General purpose I/O port 2 bit 0.
Alternate Function from GP20: Keyboard reset (KBC P20)
SMI #
70
OD12t
For the power management, the SMI is active low by the power
management events, that generate and SCI in ACPI mode.
(CR2B bit 4_3 = 00, default)
GP21
I/O12t
General purpose I/O port 2 bit 1. (CR2B bit 4_3 = 01)
(P13)
Alternate Function from GP21: KBC P13 I/O port.
P16
I/O12t
KBC P16 I/O port. (CR2B bit 4_3 = 10)
PANSWOT#
GP22
72
OD12t
I/O12t
Panel Switch output. (CR2B bit 5 = 0, default)
General purpose I/O port 2 bit 2. (CR2B bit 5 = 1)
(P14)
Alternate Function from GP22: KBC P14 I/O port.
PANSWIN#
GP23
73
INt
I/O12t
Panel Switch input. (CR2B bit 7_6 = 00, default)
General purpose I/O port 2 bit 3. (CR2B bit 7_6 = 01)
(P15)
Alternate Function from GP23: KBC P15 I/O port
SUSC#
(GA20)
39
INts
Suspend C input
Alternate Function from GP25: GATE A20 (KBC P21)
GP25
I/O12
General purpose I/O port 2 bit 5.
4.3 Serial Port Interface
SYMBOL
PIN
I/O
FUNCTION
CTSA#
CTSB#
41
48
INt
Clear To Send is the modem control input.
The function of these pins can be tested by reading Bit 4 of the
handshake status register.
DSRA#
DSRB#
42
49
INt
Data Set Ready. An active low signal indicates the modem or
data set is ready to establish a communication link and transfer
data to the UART.
RTSA#
43
I/O8t
UART A Request To Send. An active low signal informs the
modem or data set that the controller is ready to send data.
HEFRAS
During power-on reset, this pin is pulled down internally and is
defined as HEFRAS, which provides the power-on value for
CR26 bit 6 (HEFRAS). A 4.7 k
Ω is recommended if intends to
pull up. (select 370H as configuration I/O port
′s address)


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com