Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 12 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 12 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 8Page - Winbond W83977EF-AW Datasheet HTML 9Page - Winbond W83977EF-AW Datasheet HTML 10Page - Winbond W83977EF-AW Datasheet HTML 11Page - Winbond W83977EF-AW Datasheet HTML 12Page - Winbond W83977EF-AW Datasheet HTML 13Page - Winbond W83977EF-AW Datasheet HTML 14Page - Winbond W83977EF-AW Datasheet HTML 15Page - Winbond W83977EF-AW Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
W83977EF-AW/W83977EG-AW
-10-
Host Interface , continted.
SYMBOL
PIN
I/O
FUNCTION
DRQ0
121
OUT12t
DMA Channel 0 request signal. (CR2C bit 7_6 = 00, default)
GP17
(PLEDO)
I/O12t
General purpose I/O port 1bit 7. (CR2C bit 7_6 = 01)
Alternate Function from GP17: Power LED output.
P14
I/O12t
KBC P14 I/O port (CR2C bit 7_6 = 10)
SCI#
OUT12t
System Control Interrupt (CR2C bit 7_6 = 11)
DACK1#
122
INts
DMA Channel 1 Acknowledge signal
DRQ1
123
OUT12t
DMA Channel 1 request signal
DACK2#
124
INts
DMA Channel 2 Acknowledge signal
DRQ2
125
OUT12t
DMA Channel 2 request signal
DACK3#
126
INts
DMA Channel 3 Acknowledge signal
DRQ3
127
OUT12t
DMA Channel 3 request signal
TC
128
INts
Terminal Count. When active, this pin indicates termination of
a DMA transfer.
IRQ1
99
OUT12t
Interrupt request 1
IRQ3
98
OUT12t
Interrupt request 3
IRQ4
97
OUT12t
Interrupt request 4
IRQ5
96
OUT12t
Interrupt request 5
IRQ6
95
OUT12t
Interrupt request 6
IRQ7
94
OUT12t
Interrupt request 7
IRQ9
92
OUT12t
Interrupt request 9
IRQ10
100
OUT12t
Interrupt request 10
IRQ11
101
OUT12t
Interrupt request 11
IRQ12
102
OUT12t
Interrupt request 12
IRQ14
103
OUT12t
Interrupt request 14. (CR2C bit 1_0 = 00, default)
GP14
I/O12t
General purpose I/O port 1 bit 4. (CR2C bit 1_0 = 01)
(GPACS1#)
Alternate Function 1 from GP14: General purpose address
decode output.
(P17)
Alternate Function 2 from GP14: KBC P17 I/O port.
PLEDO
OUT12t
Power LED output. (CR2C bit 1_0 = 10)
IRQ15
104
OUT12t
Interrupt request 15.(CR2C bit 3_2 = 00, default)
GP15
(GPACS2#)
I/O12t
General purpose I/O port 1 bit 5. (CR2C bit 3_2 = 01)
Alternate Function 1 from GP15: General purpose address
write enable output.
(P12)
Alternate Function 2 from GP15: KBC P12 I/O port.
WDT
OUT12t
Watch-Dog timer output. (CR2C bit 3_2 = 10)
CLKIN
1
INt
24 or 48 MHz clock input, selectable through bit 5 of CR24.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com