Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 100 Page - Winbond |
|
W83977EF-AW Datasheet(HTML) 100 Page - Winbond |
100 / 142 page W83977EF-AW/W83977EG-AW -98- 12.7 Logical Device 7 (GP I/O Port I) CR30 (Default 0x00) Bit 7 - 1: Reserved. Bit 0: = 1 Activates the logical device. = 0 Logical device is inactive. CR60, CR 61 (Default 0x00, 0x00) These two registers select GP1 I/O base address [0x100:0xFFF] on 1 byte boundary. CR62, CR 63 (Default 0x00, 0x00) These two registers select GP14 alternate function Primary I/O base address [0x100:0xFFx] on 1~8 byte boundary; They are available as you setting GP14 to be an alternate function (General Purpose Address Decode). CR64, CR 65 (Default 0x00, 0x00) These two registers select GP15 alternate function Primary I/O base address [0x100:0xFFx] on 1~8 byte boundary; They are available as you setting GP15 to be an alternate function (General Purpose Address Decode). CR70 (Default 0x00) Bit 7 - 4: Reserved. Bit 3 - 0: These bits select IRQ resource for GP10 as you setting GP10 to be an alternate function (Interrupt Steering). CR72 (Default 0x00) Bit 7 - 4: Reserved. Bit 3 - 0: These bits select IRQ resource for GP11 as you setting GP11 to be an alternate function (Interrupt Steering). CRE0 (GP10, Default 0x01) Bit 7 - 5: Reserved. Bit 4: IRQ Filter Select = 1 Debounce Filter Enabled = 0 Debounce Filter Bypassed Bit 3: Select Function. = 1 Select Alternate Function: Interrupt Steering. = 0 Select Basic I/O Function. Bit 2: Reserved. Bit 1: Polarity. = 1 Invert. = 0 No Invert. Bit 0: In/Out selection. = 1 Input. = 0 Output. |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |