Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 98 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 98 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 94Page - Winbond W83977EF-AW Datasheet HTML 95Page - Winbond W83977EF-AW Datasheet HTML 96Page - Winbond W83977EF-AW Datasheet HTML 97Page - Winbond W83977EF-AW Datasheet HTML 98Page - Winbond W83977EF-AW Datasheet HTML 99Page - Winbond W83977EF-AW Datasheet HTML 100Page - Winbond W83977EF-AW Datasheet HTML 101Page - Winbond W83977EF-AW Datasheet HTML 102Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 142 page
background image
W83977EF-AW/W83977EG-AW
-96-
CRF0 (Default 0x00)
Bit 7 - 4: Reserved.
Bit 3: RXW4C
= 0
No reception delay when SIR is changed from TX mode to RX mode.
= 1
Reception delays 4 characters-time (40 bit-time) when SIR is changed from TX mode
to RX mode.
Bit 2: TXW4C
= 0
No transmission delay when SIR is changed from RX mode to TX mode.
= 1
Transmission delays 4 characters-time (40 bit-time) when SIR is changed from RX
mode to TX mode.
Bit 1 - 0: SUBCLKB1, SUBCLKB0
= 00 UART B clock source is 1.8462 Mhz (24MHz/13)
= 01 UART B clock source is 2 Mhz (24MHz/12)
= 10 UART B clock source is 24 Mhz (24MHz/1)
= 11 UART B clock source is 14.769 Mhz (24MHz/1.625)
CRF1 (Default 0x00)
Bit 7: Reserved.
Bit 6: IRLOCSEL. IR I/O pins' location select.
= 0
Through SINB/SOUTB.
= 1
Through IRRX/IRTX.
Bit 5: IRMODE2. IR function mode selection bit 2.
Bit 4: IRMODE1. IR function mode selection bit 1.
Bit 3: IRMODE0. IR function mode selection bit 0.
IR MODE
IR FUNCTION
IRTX
IRRX
00X
Disable
tri-state
high
010*
IrDA
Active pulse 1.6
μS
Demodulation into SINB/IRRX
011*
IrDA
Active pulse 3/16 bit time
Demodulation into SINB/IRRX
100
ASK-IR
Inverting IRTX/SOUTB pin
routed to SINB/IRRX
101
ASK-IR
Inverting IRTX/SOUTB & 500
KHZ clock
routed to SINB/IRRX
110
ASK-IR
Inverting IRTX/SOUTB
Demodulation into SINB/IRRX
111*
ASK-IR
Inverting IRTX/SOUTB & 500
KHZ clock
Demodulation into SINB/IRRX
Note: The notation is normal mode in the IR function.
Bit 2: HDUPLX. IR half/full duplex function select.
= 0
The IR function is Full Duplex.
= 1
The IR function is Half Duplex.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com